データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP1882ARMZ-0.3-R7

  • AI
    The **ADP1882ARMZ-0.3-R7** is a high-performance, synchronous step-down (buck) DC-to-DC controller manufactured by Analog Devices. It is designed to drive external N-channel MOSFETs to provide efficient power conversion for high-current applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Function** | Step-Down (Buck) Controller | | **Input Voltage Range** | 2.75V to 20V | | **Output Voltage Range** | 0.8V to 0.85 × $V_{IN}$ | | **Switching Frequency** | 300 kHz (indicated by the `-0.3` suffix) | | **Package Type** | 10-Lead MSOP (ARMZ) | | **Output Type** | Transistor Driver (Synchronous) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Parts The internal architecture of the ADP1882 consists of several critical stages: #### A. Pulse-Width Modulation (PWM) Control The device uses a **constant on-time (COT)** control architecture. Unlike fixed-frequency PWM, COT provides a fast transient response to sudden changes in load, which is essential for powering modern CPUs and FPGAs. #### B. Synchronous Rectification Drivers The chip includes two powerful gate drivers: * **High-Side Driver:** Controls the primary MOSFET to pull power from the input. * **Low-Side Driver:** Controls the synchronous MOSFET, which replaces a traditional diode to reduce conduction losses and increase efficiency. #### C. Voltage Reference and Error Amp It features a high-accuracy **0.8V internal reference**. This allows the user to set the output voltage precisely using a simple resistor divider network. #### D. Power Saving Mode At light loads, the controller can enter a "pulse-skipping" mode. This reduces switching losses when the device is idle, significantly extending battery life in portable applications. --- ### 3. Application Circuit Components To build a functional converter with the ADP1882, the following external parts are required: 1. **Inductor:** Stores energy during the "on" cycle. 2. **MOSFETs:** Two N-channel MOSFETs (High-side and Low-side). 3. **Input/Output Capacitors:** Filter ripples and stabilize the voltage. 4. **Resistor Divider:** Sets the desired $V_{OUT}$ relative to the 0.8V reference. 5. **Bootstrap Capacitor:** Provides the necessary voltage to drive the high-side N-channel MOSFET. --- ### 4. Part Number Breakdown: `ADP1882ARMZ-0.3-R7` * **ADP1882:** Base model number. * **ARMZ:** 10-lead MSOP package, RoHS compliant. * **0.3:** Fixed frequency setting of **300 kHz**. * **R7:** Tape and Reel packaging (7-inch reel).
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of Constant On-Time (COT) control over traditional PWM?
    • ⤷ How do I calculate the inductor value for a 300kHz buck controller?
    • ⤷ What are the thermal considerations for the MSOP-10 package in high-current designs?