データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP195ACBZ-R7

  • AI
    ### ADP195ACBZ-R7: Technical Overview The **ADP195ACBZ-R7** is a high-side load switch designed for efficient power domain isolation in portable electronics. It is manufactured by **Analog Devices Inc.** and is known for its extremely low "on" resistance and compact footprint. --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Type** | High-side Load Switch | | **Input Voltage Range** | 1.1 V to 3.6 V | | **Maximum Continuous Current** | 1.1 A | | **On-Resistance ($R_{DS(ON)}$)** | 65 mΩ (at 1.8 V) | | **Quiescent Current** | 1.0 µA (Typical) | | **Shutdown Current** | < 1 µA | | **Package** | 4-ball WLCSP (0.8 mm x 0.8 mm) | --- ### Internal Functional Components The device consists of several critical internal parts that manage the flow of electricity: 1. **P-channel MOSFET:** The core switching element. It acts as a gate that opens or closes the path for the current. 2. **Charge Pump / Control Logic:** This circuitry ensures the gate of the MOSFET is driven correctly to minimize resistance, even at low input voltages. 3. **Level Shifter:** Allows a low-voltage control signal (from a microcontroller) to switch higher or lower voltage rails. 4. **Pull-down Resistor:** Included on the "Enable" pin to ensure the device remains OFF by default if the control signal is floating. --- ### Features and Benefits * **Low Voltage Operation:** Optimized for modern chipsets operating at 1.2 V or 1.8 V. * **Minimal Power Loss:** Due to the 65 mΩ resistance, there is a negligible voltage drop across the switch. * **Space Saving:** The WLCSP (Wafer Level Chip Scale Package) is roughly the size of a grain of sand, making it ideal for smartphones and wearables. * **Reverse Current Protection:** Prevents current from flowing back from the output to the input when the switch is disabled. --- ### Typical Application Circuit ```mermaid graph LR Vin[Input Power 1.1V-3.6V] --> Pin_A1[VIN] EN[Logic Control/MCU] --> Pin_B1[EN] Pin_A2[VOUT] --> Load[Peripheral/Sensor] Pin_B2[GND] --- Ground[System Ground] ``` ### Common Use Cases * **Mobile Phones:** Turning off camera modules or sensors when not in use to save battery. * **Digital Cameras:** Managing power to high-drain peripherals. * **Portable Medical Devices:** Isolating sensitive measurement circuits. ---
    ✨ Follow-up Questions
    • What is the difference between a high-side and a low-side load switch?
    • How does the ultra-low quiescent current impact battery life in wearable devices?
    • What are the soldering considerations for a 4-ball WLCSP package?