データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP2108ACBZ-3.3-R7

  • AI
    The **ADP2108ACBZ-3.3-R7** is a high-efficiency, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable applications where board space and power efficiency are critical. --- ### ## Technical Specifications Below are the primary electrical characteristics of the ADP2108ACBZ-3.3-R7: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.3V to 5.5V | | **Output Voltage (Fixed)** | 3.3V | | **Output Current** | 600 mA | | **Switching Frequency** | 3 MHz | | **Package Type** | 5-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | | **Efficiency** | Up to 95% | --- ### ## Key Features 1. **High Switching Frequency:** Operating at 3 MHz allows for the use of tiny, low-profile inductors and ceramic capacitors, minimizing the total footprint on the PCB. 2. **Automatic Mode Switching:** * **PWM Mode:** At high loads, it operates in Pulse Width Modulation for low noise. * **PSM Mode:** At light loads, it automatically shifts to Power Save Mode to conserve battery life. 3. **Internal Compensation:** The device features internal compensation and a soft-start mechanism, reducing the number of external components required. 4. **Safety Features:** Includes undervoltage lockout (UVLO), thermal shutdown, and short-circuit protection. --- ### ## Pin Configuration (WLCSP) The device is housed in a very small 5-ball grid array. | Ball | Name | Description | | :--- | :--- | :--- | | **A1** | **VIN** | Input Voltage Supply. | | **A2** | **SW** | Switch Node (connected to the inductor). | | **B1** | **EN** | Enable Input. High = On, Low = Off. | | **B2** | **GND** | Ground. | | **C1** | **FB/VOUT** | Feedback/Output Voltage sense pin. | --- ### ## Typical Application Circuit The circuit is minimalist, typically requiring only three external components: ```text Input (2.3V-5.5V) ----[ Cin 4.7uF ]----+---- VIN | [ADP2108]---- SW ----[ Inductor 1.0uH ]---- Output (3.3V) | | GND ----------------------------[ Cout 4.7uF ] ``` ### ## Applications * Mobile Phones and Smartphones * Personal Media Players * Wireless Handsets * Digital Cameras * Portable Medical Equipment ---
    ✨ Follow-up Questions
    • ⤷What are the recommended values for the input and output capacitors for this chip?
    • ⤷ How does the ADP2108 transition between PWM and PSM modes?
    • ⤷ What are the advantages of the WLCSP package over traditional SOT-23 packages?