データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP2114ACPZ-R7

  • AI
    ## Overview of the ADP2114ACPZ-R7 The **ADP2114ACPZ-R7** is a high-efficiency, dual-output, step-down (buck) DC-to-DC switching regulator. It is designed for applications requiring multiple power rails with high current and precise voltage regulation in a compact form factor. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. (ADI) | | **Topology** | Buck (Step-Down) | | **Number of Outputs** | 2 (Dual) or 1 (Parallel interleaved) | | **Input Voltage Range** | 2.75 V to 5.5 V | | **Output Current** | 2A per channel (or 4A in parallel) | | **Switching Frequency** | 300 kHz, 600 kHz, 1.2 MHz (Selectable) | | **Efficiency** | Up to 95% | | **Package** | 32-LFCSP (5mm x 5mm) | --- ### 2. Core Functional Components The internal architecture consists of several critical electronic sections that allow it to function efficiently: * **Integrated Power MOSFETs:** It contains four low RDS(on) N-channel MOSFETs. This integration reduces the need for external power components and saves PCB space. * **PWM Control Logic:** Uses a current-mode control scheme, which provides excellent line and load transient response. * **Phase Shifting:** The two channels operate 180° out of phase. This reduces input ripple current and minimizes the size of the required input capacitors. * **Configurable Outputs:** * **Independent Mode:** Two separate outputs (e.g., 1.2V and 3.3V). * **Parallel Mode:** Both channels combine to provide a single high-current output (4A). --- ### 3. Protection Features To ensure the safety of the powered electronic components, the ADP2114 includes several built-in protection circuits: 1. **Undervoltage Lockout (UVLO):** Prevents the device from operating if the input voltage is too low to ensure stable operation. 2. **Overcurrent Protection (OCP):** Limits the peak current through the MOSFETs to prevent damage during a short circuit. 3. **Thermal Shutdown (TSD):** Shuts down the regulator if the internal junction temperature exceeds safety limits (typically around 150°C). 4. **Soft-Start:** Gradually increases the output voltage during startup to prevent high inrush currents. --- ### 4. Typical Applications * **Telecommunications:** Base stations and networking equipment. * **Computing:** High-end servers, storage systems, and FPGA power supplies. * **Industrial:** Medical imaging and high-performance instrumentation. ---
    ✨ Follow-up Questions
    • ⤷ How do you configure the ADP2114 for parallel mode to achieve 4A output?
    • ⤷ What are the recommended external inductor values for a 1.2 MHz switching frequency?
    • ⤷ How does the 180-degree out-of-phase operation benefit the circuit design?