データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP2116ACPZ-R7

  • AI
    ## Overview of ADP2116ACPZ-R7 The **ADP2116ACPZ-R7** is a high-efficiency, dual-output, step-down (buck) DC-to-DC switching regulator manufactured by Analog Devices. It is designed to provide high current from a small footprint, making it ideal for communication infrastructure, networking, and industrial equipment. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Topology** | Step-Down (Buck) | | **Output Type** | Adjustable or Fixed (3.3V, 2.5V, 1.8V, 1.5V, 1.2V, 1.0V) | | **Number of Outputs** | 2 | | **Input Voltage Range** | 2.75V to 5.5V | | **Output Current** | 3A per channel (or 6A interleaved) | | **Switching Frequency** | 300 kHz, 600 kHz, or 1.2 MHz (Selectable) | | **Package** | 32-LFCSP (5mm x 5mm) | | **Efficiency** | Up to 95% | --- ### Core Functional Features The ADP2116 is highly versatile due to its ability to be configured in different modes: 1. **Dual Output Mode:** Provides two independent voltages (e.g., 1.8V and 1.2V) at 3A each. 2. **Interleaved Parallel Mode:** Combines both channels to provide a single high-current output of up to **6A**. This reduces input/output ripple. 3. **Synchronization:** It can be synchronized to an external clock to minimize system noise and interference with other sensitive components. 4. **Power Good Signals:** Includes dedicated pins to monitor the status of each output, essential for power sequencing in FPGAs and DSPs. --- ### Internal Block Diagram Elements To understand the electronic "insides" of the ADP2116, it consists of these primary blocks: * **PWM Control Logic:** Uses a current-mode control scheme for fast transient response and easy compensation. * **Integrated Power MOSFETs:** Low Rds(on) internal switches that minimize heat and eliminate the need for external power transistors. * **Soft Start Circuitry:** Limits the inrush current during startup to protect the power source and the chip. * **Protection Circuits:** * **UVLO:** Undervoltage Lockout. * **OCP:** Overcurrent Protection. * **TSD:** Thermal Shutdown. --- ### Typical Application Circuit ```python # Conceptual Pin Configuration for a Dual Output Setup [PVIN] --- [Inductor L1] --- [VOUT1 (3A)] | --- [Inductor L2] --- [VOUT2 (3A)] # Feedback Loop [VOUT1] --- [Resistor Divider] --- [FB1 Pin] [VOUT2] --- [Resistor Divider] --- [FB2 Pin] ``` --- ### Applications * **Telecommunications:** Base stations and optical networking. * **Computing:** High-end servers and storage. * **FPGA/DSP Power:** Providing the core and I/O voltages for Xilinx or Altera chips. * **Medical Equipment:** Portable ultrasound and imaging devices.
    ✨ Follow-up Questions
    • ⤷How do you configure the ADP2116 for a single 6A output instead of dual 3A outputs?
    • ⤷ What are the recommended values for the output inductors at 1.2 MHz switching frequency?
    • ⤷ Does this regulator support DDR termination tracking mode?