データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP2139ACBZ-2.8-R7

  • AI
    The **ADP2139ACBZ-2.8-R7** is a high-efficiency, low-quiescent-current, step-down (buck) DC-to-DC converter manufactured by Analog Devices. It is specifically designed for portable applications where battery life and space-saving are critical. --- ### ## Technical Specifications | Parameter | Value | | :--- | :--- | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Output Voltage (Fixed)** | 2.8 V | | **Continuous Output Current** | 800 mA | | **Switching Frequency** | 3 MHz | | **Quiescent Current (Low Load)** | 24 µA (Typical) | | **Package Type** | 6-ball WLCSP (Wafer Level Chip Scale Package) | | **Efficiency** | Up to 95% | --- ### ## Key Features and Functional Parts ### 1. High Switching Frequency (3 MHz) The 3 MHz frequency allows the use of very small inductors (typically 1.0 µH) and capacitors. This is essential for modern smartphones and wearables where PCB real estate is limited. ### 2. Dual Operating Modes The chip automatically transitions between two modes to optimize power: * **PWM Mode (Pulse Width Modulation):** Used during high load currents to maintain low noise and high efficiency. * **PSM Mode (Power Save Mode):** Used during light loads to reduce switching losses and extend battery life. ### 3. Integrated Power Switches It contains internal P-channel and N-channel MOSFETs. Because these switches are integrated into the silicon, there is no need for an external Schottky diode, further reducing the component count. ### 4. Safety Mechanisms * **Internal Soft Start:** Limits inrush current during startup. * **Thermal Shutdown (TSD):** Protects the IC if the junction temperature exceeds safety limits. * **Overcurrent Protection:** Prevents damage during short-circuit conditions. --- ### ## Typical Application Circuit In a standard design, the ADP2139 requires only three external components: ```c [Input Voltage] ----[Cin: 4.7uF]----+---- [VIN Pin] | [L: 1.0uH] ----+---- [VOUT: 2.8V] | | [SW Pin] [Cout: 10uF] | [GND] ``` --- ### ## Applications * Smartphones and PDAs * Digital Still Cameras * Wireless Handsets * Portable Media Players * Low-power medical devices
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for the 6-ball WLCSP package?
    • ⤷ How does the PSM mode transition affect output ripple voltage?
    • ⤷ Can the output voltage be adjusted on this specific R7 model?