データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP2164ACPZ-R7

  • AI
    ## Technical Overview: ADP2164ACPZ-R7 The **ADP2164ACPZ-R7** is a high-efficiency, step-down (buck) DC-to-DC regulator manufactured by **Analog Devices**. It is designed for high-density applications requiring small footprints and high current output. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.7 V to 6.5 V | | **Output Current** | Up to 4 Amps | | **Output Voltage Range** | 0.6 V to Input Voltage (Adjustable) | | **Switching Frequency** | 600 kHz to 1.2 MHz (Sync/Adjustable) | | **Efficiency** | Up to 96% | | **Package** | 16-lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The device integrates several critical electronic components within its silicon structure to minimize external parts: * **Integrated MOSFETs:** It features high-side and low-side power switches, reducing the need for an external Schottky diode and saving PCB space. * **Internal Compensation:** Simplifies the design process by reducing the number of external resistors and capacitors needed to stabilize the feedback loop. * **Precision Enable & Power Good:** Allows for controlled sequencing of power rails in multi-rail systems. * **Current-Mode Architecture:** Provides fast transient response and easy loop stabilization. --- ### 3. Application Use Cases Due to its 4A current capability and small 3x3mm footprint, it is commonly used in: 1. **Communications Infrastructure:** Base stations and networking hardware. 2. **Point of Load (POL) Regulation:** High-performance DSPs, FPGAs, and ASICs. 3. **Industrial Systems:** High-density medical and monitoring equipment. 4. **Consumer Electronics:** High-end portable devices. --- ### 4. Implementation Example (Basic Schematic Logic) To implement this part, a designer typically follows this logic: ```markdown 1. VIN: Connect to 5V supply with a 10µF - 22µF ceramic capacitor. 2. SW: Connect to a small 0.47µH - 1.5µH inductor. 3. FB: Connect a resistor divider to set the desired output voltage (Vout). 4. GND: Connect to a solid ground plane for thermal dissipation. ```
    ✨ Follow-up Questions
    • What are the recommended external inductor values for a 1.2V output?
    • How does the SYNC pin work for multi-phase clock synchronization?
    • What are the thermal considerations for the 16-lead LFCSP package?