データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP2302ARDZ-R7

  • AI
    ## Overview of the ADP2302ARDZ-R7 The **ADP2302ARDZ-R7** is a high-efficiency, fixed-frequency, step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed to convert a higher input voltage to a regulated lower output voltage while maintaining high power efficiency. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.0 V to 20 V | | **Output Current** | Up to 2 A | | **Switching Frequency** | 700 kHz | | **Output Voltage Range** | Adjustable (down to 0.8 V) | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | | **Topology** | Non-synchronous Buck | --- ### 2. Core Features * **Internal Power MOSFET:** Includes an integrated 120 mΩ high-side power MOSFET, which reduces the need for external components and saves PCB space. * **Current Mode Control:** Uses a fixed-frequency, peak current-mode control architecture to provide excellent line and load transient response. * **Precision Enable:** Features a precision enable input (EN) pin, allowing for easy sequencing and programmable UVLO (Under-Voltage Lockout). * **Safety Protections:** * **Overcurrent Protection (OCP):** Protects the device during output short circuits. * **Thermal Shutdown (TSD):** Shuts down the regulator if the junction temperature exceeds safe limits. * **Soft Start:** Internal soft start limits inrush current during startup. --- ### 3. Pin Configuration and Functions The device uses an 8-pin SOIC package with an exposed pad for thermal management. | Pin | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **BST** | Bootstrap. Connect a capacitor between BST and SW to provide drive voltage for the high-side MOSFET. | | 2 | **VIN** | Power Input. Supply voltage for the regulator. | | 3 | **SW** | Switch Node. Output of the internal power MOSFET. | | 4 | **GND** | Ground. | | 5 | **FB** | Feedback. Connect to the output through a resistor divider to set the output voltage. | | 6 | **COMP** | Compensation. Connection point for the external compensation network. | | 7 | **EN** | Enable. A logic high turns the device on. | | 8 | **PGOOD** | Power Good (Open-drain). Indicates the output is within 90% of the nominal voltage. | | **EP** | **Exposed Pad** | Should be soldered to the PCB ground plane for thermal dissipation. | --- ### 4. Typical Application Circuit To function correctly, the ADP2302 requires a few external components. Below is a simplified representation of the typical setup: ```text Input (VIN) ----[Cin]----+----(VIN Pin) | (ADP2302)----[L1]----+---- Output (Vout) | | (SW Pin)-------+ [Cout] | | (Diode D1) GND | GND ``` * **Inductor (L1):** Typically ranges from 4.7µH to 10µH depending on Vout. * **Catch Diode (D1):** A Schottky diode is required as this is a non-synchronous regulator. * **Input/Output Capacitors:** Ceramic capacitors are recommended for low ESR and high reliability.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor values for the FB pin to set a specific output voltage?
    • ⤷ What is the importance of the Exposed Pad (EP) for the thermal performance of this chip?
    • ⤷ Can the ADP2302 be used in a synchronous rectification configuration?