データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP2371ACPZ-R7

  • AI
    ## ADP2371ACPZ-R7: Technical Overview The **ADP2371ACPZ-R7** is a high-efficiency, low quiescent current, step-down (buck) DC-to-DC regulator manufactured by Analog Devices. It is designed specifically for battery-powered applications where power conservation and small footprint are critical. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 3.2 V to 15 V | | **Output Current** | Up to 800 mA | | **Switching Frequency** | 600 kHz or 1.2 MHz (Selectable) | | **Quiescent Current** | 14 µA (Typical, no load) | | **Output Voltage** | Adjustable (0.8 V to Vin) or Fixed | | **Package** | 8-Lead LFCSP (3mm x 3mm) | | **Efficiency** | Up to 95% | --- ### Core Electronic Characteristics #### 1. Power Management Architecture The device utilizes a **current-mode control scheme**. This provides excellent line and load transient responses and simplifies the compensation network. At light loads, the regulator automatically transitions into a "Power Save Mode" (PSM) to minimize switching losses and extend battery life. #### 2. Synchronous Rectification Unlike standard buck converters that use a diode, the ADP2371 integrates a high-side P-channel MOSFET and a low-side N-channel MOSFET. This synchronous design: * Reduces conduction losses. * Eliminates the need for an external Schottky diode. * Simplifies PCB layout. #### 3. Protection Circuitry To ensure reliability in sensitive electronic environments, the part includes: * **Overcurrent Protection (OCP):** Prevents damage during short circuits. * **Thermal Shutdown (TSD):** Disables the device if the junction temperature exceeds safe limits. * **Undervoltage Lockout (UVLO):** Ensures the device operates only when the input voltage is stable. --- ### Typical Application Circuit The ADP2371 requires minimal external components. A basic setup includes an input capacitor, an output capacitor, an inductor, and a feedback resistor divider (for adjustable versions). ```text Vin ----[Cin]----[ADP2371]----[Inductor]---- Vout | | [GND] [Cout] ``` ### Common Use Cases * **Portable Medical Devices:** Heart rate monitors and glucose meters. * **Industrial Sensors:** 4mA to 20mA loop-powered systems. * **IoT Nodes:** Low-power wireless sensor networks. * **Battery-Powered Tools:** Devices using Li-Ion or Multi-cell Alkaline batteries.
    ✨ Follow-up Questions
    • ⤷ How does the Power Save Mode (PSM) in the ADP2371 affect output ripple?
    • ⤷ What are the advantages of the 1.2 MHz switching frequency option?
    • ⤷ Can the ADP2371 be used for automotive grade applications?