データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP2386ACPZN-R7

  • AI
    ## Overview of ADP2386ACPZN-R7 The **ADP2386ACPZN-R7** is a high-efficiency, synchronous step-down (buck) DC-to-DC regulator. It is designed by Analog Devices to provide a compact and robust solution for point-of-load (POL) power conversion in space-constrained applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5 V to 20 V | | **Output Voltage Range** | 0.6 V up to 90% of Vin | | **Continuous Output Current** | 6 A | | **Switching Frequency** | Adjustable (200 kHz to 1.4 MHz) | | **Package** | 24-lead LFCSP (4 mm x 4 mm) | | **Efficiency** | Up to 95% | --- ### 2. Core Functional Components The device integrates several critical electronic components and features into a single silicon chip: * **Integrated Power MOSFETs:** It contains high-side and low-side N-channel MOSFETs. Because the low-side switch is integrated, it eliminates the need for an external Schottky diode, increasing efficiency. * **Current Mode Control:** It uses a peak current mode control architecture. This allows for fast line and load transient response and simplifies the compensation network. * **Precision Enable:** A high-accuracy enable input allows the user to set a specific power-on threshold using a simple resistor divider. * **Internal Soft Start:** It includes an internal soft-start feature to limit inrush current during startup, protecting the power source and the inductor. --- ### 3. Application Circuit Components To function, the ADP2386 requires a few external passive components: 1. **Inductor (L):** Stores energy during the "on" cycle and releases it during the "off" cycle. 2. **Input Capacitor (Cin):** Filters input noise and provides ripple current to the regulator. 3. **Output Capacitor (Cout):** Filters the output voltage ripple and handles load transients. 4. **Resistor Divider:** Connected to the `FB` (Feedback) pin to set the desired output voltage. 5. **RT Resistor:** Sets the switching frequency of the internal oscillator. --- ### 4. Safety and Protection Features The ADP2386 is equipped with multiple protection layers to ensure the safety of the electronics it powers: * **Overcurrent Protection (OCP):** Limits the peak current through the MOSFETs. * **Thermal Shutdown (TSD):** Shuts down the device if the internal junction temperature exceeds safety limits (typically 150°C). * **Undervoltage Lockout (UVLO):** Prevents the device from operating until the input voltage reaches a stable level.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for a 5V output?
    • ⤷ How does the RT pin resistor value correlate to the switching frequency?
    • ⤷ Can the ADP2386 be synchronized to an external clock source?