データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP2441ACPZ-R2

  • AI
    The **ADP2441ACPZ-R2** is a high-efficiency, synchronous step-down (buck) DC-to-DC regulator. It is designed to handle high input voltages and provide a stable output for complex industrial and communication systems. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5 V to 36 V | | **Output Voltage Range** | Adjustable from 0.6 V to 0.9 × VIN | | **Maximum Output Current** | 1.0 Ampere | | **Switching Frequency** | Adjustable (300 kHz to 1 MHz) | | **Package Type** | 12-lead LFCSP (3mm x 3mm) | | **Efficiency** | Up to 94% | --- ### 2. Core Features & Components The internal architecture of the ADP2441 integrates several electronic components and logic circuits to ensure power stability: * **Integrated Power MOSFETs:** It contains both high-side and low-side N-channel MOSFETs, eliminating the need for an external Schottky diode and reducing board space. * **Current Mode Control:** Uses a peak current mode control architecture, which provides fast transient response and simplifies loop compensation. * **Precision Enable (EN) Pin:** This allows the device to be used as a programmable UVLO (Under-Voltage Lockout) using a resistor divider. * **Power Good (PGOOD) Flag:** An open-drain output that signals when the output voltage is within its regulated range. * **Protection Circuitry:** Includes Thermal Shutdown (TSD), Overcurrent Protection (OCP), and Short-Circuit Protection. --- ### 3. Application Circuit Components To function correctly, the ADP2441 requires specific external passive components: 1. **Inductor (L):** Stores energy during the "on" cycle. Usually selected between $10\mu H$ and $47\mu H$ depending on the frequency. 2. **Input Capacitor ($C_{IN}$):** Reduces voltage spikes from the input source. Ceramic capacitors (X5R or X7R) are recommended. 3. **Output Capacitor ($C_{OUT}$):** Smooths the output voltage ripple and ensures load stability. 4. **Resistor Divider ($R_{FB1}, R_{FB2}$):** Connected to the Feedback (FB) pin to set the desired output voltage based on the 0.6V internal reference. --- ### 4. Common Use Cases * **Industrial Power Supplies:** Converting 24V rails to 5V or 3.3V. * **Automotive Infotainment:** Handling high-voltage transients from vehicle batteries. * **Distributed Power Systems:** Intermediate bus conversion in telecommunications.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the resistor values for a specific output voltage on the ADP2441?
    • ⤷ What are the advantages of a synchronous buck regulator over a non-synchronous one?
    • ⤷ What is the significance of the R2 suffix in the part number?