データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP323ACPZ-R7

  • AI
    ### Technical Overview: ADP323ACPZ-R7 The **ADP323ACPZ-R7** is a high-performance, triple-output Low Dropout (LDO) linear regulator manufactured by Analog Devices. It is designed for applications that require low noise and high power supply rejection ratios (PSRR) in a compact form factor. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Output Type** | Fixed (Triple Output) | | **Input Voltage Range** | 2.5 V to 5.5 V | | **Output Current** | 200 mA per channel (Total 600 mA) | | **Dropout Voltage** | 100 mV (typical at 200 mA load) | | **PSRR** | 70 dB at 1 kHz; 40 dB at 1 MHz | | **Output Noise** | 40 μV rms (10 Hz to 100 kHz) | | **Quiescent Current** | 110 μA (all three LDOs enabled) | | **Package** | 16-lead LFCSP (3mm x 3mm) | --- ### 2. Functional Components The internal architecture of the ADP323 consists of several critical electronic blocks: * **Low Dropout Regulators (LDOs):** Three independent regulators that provide stable DC voltages from a single input source. * **Precision Reference:** An internal bandgap reference ensures high accuracy over temperature and load variations. * **Enable Logic (EN1, EN2, EN3):** Each channel has a dedicated enable pin, allowing for specific power-up sequencing to protect sensitive downstream components (like FPGAs or DSPs). * **Protection Circuitry:** * *Thermal Shutdown (TSD):* Disables the device if the junction temperature exceeds safety limits. * *Short-Circuit Protection:* Limits the output current to prevent hardware damage. --- ### 3. Application Use Cases Due to its low noise profile and triple-output capability, the ADP323 is commonly used in: 1. **Mobile Phones:** Powering diverse RF and baseband circuits. 2. **Digital Cameras:** Providing clean power to image sensors. 3. **Portable Medical Equipment:** Where space is limited and signal integrity is vital. 4. **Mixed-Signal Circuits:** Powering both analog and digital domains with minimal cross-talk. --- ### 4. Implementation Example Below is a basic representation of how the enable pins might be controlled using a microcontroller (pseudo-code concept): ```c // Example: Sequential Power-Up for ADP323 void power_on_sequence() { digitalWrite(LDO1_EN, HIGH); // Power RF Core delay(10); // Wait for stabilization digitalWrite(LDO2_EN, HIGH); // Power Analog I/O delay(10); digitalWrite(LDO3_EN, HIGH); // Power Digital Logic } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the standard fixed output voltage combinations available for this part?
    • ⤷ How does the LFCSP package affect the thermal management of the ADP323?
    • ⤷ Can the three outputs be tied together to increase the total current capacity?