データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP3309ARTZ-2.9-R71

  • AI
    ## ADP3309ARTZ-2.9-R71: Electronic Specifications and Details The **ADP3309ARTZ-2.9-R71** is a member of the anyCAP® family of precision, low dropout (LDO) linear regulators. It is designed to provide a stable 2.9V output while maintaining a very low dropout voltage, making it ideal for battery-powered applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 2.9 V | | **Input Voltage Range** | 2.8 V to 12 V | | **Output Current** | 100 mA (Minimum) | | **Dropout Voltage (Typical)** | 120 mV @ 100 mA | | **Output Tolerance** | ±0.8% @ +25°C / ±1.4% over temp | | **Quiescent Current** | 70 µA (Typical) | | **Package Type** | SOT-23-5 (Surface Mount) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Features * **anyCAP® Technology:** Unlike standard LDOs that require specific ESR (Equivalent Series Resistance) in capacitors, this device is stable with any type of capacitor (Ceramic, Tantalum, or Aluminum Electrolytic). * **Low Dropout Voltage:** The 120mV dropout allows the regulator to maintain a 2.9V output even when the input battery voltage drops very close to the target output. * **Precision Output:** High accuracy (±1.4% over line and load) ensures sensitive digital and analog circuits receive a constant voltage. * **Shutdown Mode:** Includes a logic-controlled shutdown pin that reduces current consumption to less than 1 µA, extending battery life in standby modes. --- ### 3. Pin Configuration (SOT-23-5) ```text Pin 1: IN (Input Voltage) Pin 2: GND (Ground) Pin 3: SD (Shutdown Control - Active Low) Pin 4: NR (Noise Reduction - Optional bypass capacitor) Pin 5: OUT (Regulated 2.9V Output) ``` --- ### 4. Typical Applications 1. **Cellular Handsets:** Providing clean power to RF and baseband processors. 2. **Portable Devices:** Used in PDAs, digital cameras, and handheld scanners. 3. **Post-Regulation:** Often used after a switching regulator to filter out high-frequency noise. 4. **Battery Powered Systems:** Systems utilizing Li-Ion or NiMH batteries where efficiency and low dropout are critical. --- ### 5. Ordering Information Breakdown * **ADP3309:** Base Part Number (100mA LDO). * **ARTZ:** Package identifier (SOT-23) and Lead-Free status (Z). * **2.9:** Denotes the fixed 2.9V output. * **R7:** Denotes 7-inch Tape and Reel packaging (typically 3,000 units).
    ✨ Follow-up Questions
    • ⤷What is the significance of the 'anyCAP' feature regarding circuit stability?
    • ⤷ Can the ADP3309ARTZ-2.9 handle input voltages higher than 12V?
    • ⤷ What is the typical noise reduction achieved by using a capacitor on the NR pin?