データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP3333ARM-2.77-R7

  • AI
    ## Technical Overview: ADP3333ARM-2.77-R7 The **ADP3333ARM-2.77-R7** is a high-precision, low dropout (LDO) linear regulator produced by Analog Devices. It belongs to the `anyCAP®` family, which is distinguished by its stability even with very small or unconventional output capacitors. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 2.77 V | | **Input Voltage Range** | 2.6 V to 12 V | | **Output Current** | 300 mA | | **Dropout Voltage** | 110 mV (typical at 300 mA) | | **Accuracy** | ±0.8% at room temperature | | **Package Type** | MSOP-8 (ARM designation) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Electronic Components & Features #### A. The anyCAP® Technology Unlike standard LDOs that require a specific Equivalent Series Resistance (ESR) in the output capacitor for stability, the ADP3333 is stable with **any type of capacitor**, including multi-layer ceramic (MLCC). This reduces board space and component cost. #### B. Pass Transistor Structure The device utilizes a **P-channel MOSFET** pass element. This architecture allows the regulator to maintain low dropout voltages and keeps the quiescent current (around 70 µA) relatively constant, even when the device is approaching the dropout state. #### C. Built-in Protection Circuits 1. **Thermal Overload Protection:** Automatically limits power dissipation to prevent the chip from melting if it gets too hot. 2. **Short-Circuit Protection:** Limits the current output to prevent damage to the regulator or the load. 3. **Shutdown Mode:** A logic-level input (SD pin) allows the device to enter a low-power state where it draws less than 1 µA. --- ### 3. Pin Configuration (MSOP-8) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1, 2 | **OUT** | Regulated 2.77V Output pins. | | 3, 4 | **GND** | Ground reference. | | 5 | **NR** | Noise Reduction (Option to add a cap for lower noise). | | 6 | **SD** | Shutdown (Active Low to turn off regulator). | | 7, 8 | **IN** | Unregulated Input Voltage. | --- ### 4. Typical Application Circuit ```mermaid graph LR Vin[Input Voltage] -->|In Pins| LDO[ADP3333] LDO -->|Out Pins| Vout[2.77V Output] LDO --- GND[Ground] LDO --- C1[0.47uF Input Cap] LDO --- C2[1.0uF Output Cap] ``` --- ### 5. Common Use Cases * **Mobile Communication:** Providing stable rails for RF stages. * **Precision Instrumentation:** Where the ±0.8% accuracy and low noise are critical. * **Battery Powered Systems:** Because of the low dropout (prolongs battery life) and low quiescent current.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 2.77V output voltage specifically?
    • ⤷ How does the NR (Noise Reduction) pin improve performance?
    • ⤷ Can this regulator handle input voltages higher than 12V?