データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP3333ARM-3.15-R7

  • AI
    ## ADP3333ARM-3.15-R7: Technical Overview The **ADP3333ARM-3.15-R7** is a precision, low-dropout (LDO) linear regulator manufactured by Analog Devices. It belongs to the `anyCAP` family, which is known for its stability regardless of the type of output capacitor used. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 3.15V (Fixed) | | **Input Voltage Range** | 2.6V to 12V | | **Max Output Current** | 300 mA | | **Dropout Voltage** | 140 mV (typical at 300 mA) | | **Accuracy** | ±0.8% at room temperature | | **Package Type** | MSOP-8 (ARM designates the package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Components The internal architecture of the ADP3333 consists of several critical electronic stages: 1. **Pass Transistor:** A PMOS pass element that allows for low dropout voltage (LDO) performance, enabling the device to regulate efficiently even when the input voltage is very close to the output voltage. 2. **Bandgap Reference:** A high-precision internal voltage reference that ensures the 3.15V output remains stable against temperature and input fluctuations. 3. **Error Amplifier:** This component monitors the output voltage and compares it to the internal reference, adjusting the gate of the PMOS pass transistor to maintain regulation. 4. **`anyCAP` Architecture:** Unlike standard LDOs that require specific Equivalent Series Resistance (ESR) in capacitors, this circuit is stable with any quality capacitor, including multi-layer ceramic capacitors (MLCC). --- ### 3. Protection and Secondary Features * **Thermal Overload Protection:** Automatically shuts down the device if the internal junction temperature exceeds safe limits (typically around 150°C). * **Current Limiting:** Protects the regulator and the power source from damage during short-circuit conditions or excessive load. * **Shutdown Mode:** Includes a digital input pin to disable the regulator, reducing current consumption to less than 1 µA, which is ideal for battery-powered devices. * **Error Flag:** An open-collector output that signals if the output voltage falls out of regulation. --- ### 4. Application Context Because of its **3.15V fixed output**, this part is often used in specific logic circuits or sensor arrays where a standard 3.3V rail is slightly too high or where a specific voltage drop is required for noise isolation in communication hardware. ---
    ✨ Follow-up Questions
    • ⤷ What are the advantages of the anyCAP technology compared to standard LDO regulators?
    • ⤷ How do I calculate the power dissipation for this device in a specific circuit?
    • ⤷ Can this regulator be used with an input voltage higher than 12V?