データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP3333ARMZ-2.5-R7

  • AI
    ## ADP3333ARMZ-2.5-R7: Electronic Component Overview The **ADP3333ARMZ-2.5-R7** is a high-precision, low-dropout (LDO) linear regulator manufactured by Analog Devices. It is part of the `anyCAP®` family, which is known for its stability even with very small load capacitors. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 2.5V | | **Output Current** | 300 mA | | **Dropout Voltage** | 140 mV (typical at 300 mA) | | **Input Voltage Range** | 2.6V to 12V | | **Accuracy** | ±0.8% at Room Temp / ±1.4% Over Line/Load/Temp | | **Package Type** | MSOP-8 (8-Lead) | | **Quiescent Current** | 70 µA (typical at light loads) | | **Operating Temp Range** | -40°C to +85°C | --- ### 2. Functional Description The ADP3333 operates differently from conventional LDOs. It uses a **non-inverting wideband amplifier** and a proprietary architecture that provides several advantages: * **anyCAP® Technology:** This regulator is stable with any type of capacitor, including low-cost multi-layer ceramic capacitors (MLCCs). It does not require a minimum ESR (Equivalent Series Resistance), which is a common limitation in older LDO designs. * **Low Dropout:** With only 140 mV required between the input and output at full load, it is highly efficient for battery-powered applications. * **Protection Features:** * **Current Limit:** Protects the device during short-circuit conditions. * **Thermal Overload Protection:** Shuts down the device if the internal junction temperature exceeds safe limits. * **Shutdown Mode:** Includes a digital input pin to disable the device, reducing current consumption to less than 1 µA. --- ### 3. Pin Configuration (MSOP-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1, 2 | OUT | Regulated Output Voltage (2.5V) | | 3, 4 | IN | Input Voltage Supply | | 5, 6 | GND | Ground Reference | | 7 | NR | Noise Reduction (Optional capacitor to ground) | | 8 | SD | Shutdown (Active Low to disable) | --- ### 4. Typical Applications * **Mobile Communication:** Cellular phones and base stations. * **Portable Equipment:** Handheld instruments and medical devices. * **Post-Regulation:** Used after switching power supplies to provide a clean, low-noise rail for sensitive analog circuits. * **Laptop/Notebook Computers:** Providing localized power for sensors or chipsets. --- ### 5. Part Number Breakdown ```text ADP3333 ARMZ - 2.5 - R7 | | | | | | | +-- Tape & Reel (7-inch reel) | | +-------- 2.5V Fixed Output | +-------------- MSOP-8 Package (RoHS Compliant) +--------------------- Series Name (anyCAP LDO) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between anyCAP technology and standard LDOs?
    • ⤷ How does the Noise Reduction (NR) pin affect performance?
    • ⤷ What are the thermal considerations for the MSOP-8 package at 300mA?