データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP3333ARMZ-3-R71

  • AI
    The **ADP3333ARMZ-3-R7** is a precision, low-dropout (LDO) linear regulator manufactured by Analog Devices. It belongs to the *anyCAP®* family, which is notable for its stability even without large external capacitors. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Output Voltage** | 3.0V (Fixed) | | **Input Voltage Range** | 2.6V to 12V | | **Maximum Output Current** | 300 mA | | **Dropout Voltage** | 140 mV (typical) at 300 mA | | **Accuracy** | ±0.8% at 25°C (±1.4% over temp/load) | | **Package Type** | 8-Lead MSOP (Micro Small Outline Package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Functional Electronic Features #### A. anyCAP® Technology The most distinctive feature of this part is its stability. Unlike standard LDOs that require specific Equivalent Series Resistance (ESR) in output capacitors to remain stable, the ADP3333 is stable with **any type of capacitor**, including: * Multilayer Ceramic (MLCC) * Tantalum * Aluminum Electrolytic * (Even works with no output capacitor, though 0.47μF is recommended for transient response). #### B. Thermal and Current Protection The internal circuitry includes: * **Thermal Overload Protection:** Automatically shuts down the device if the internal junction temperature exceeds safe limits (approx. 150°C). * **Current Limiting:** Protects the regulator and the power source during a short-circuit or overload condition at the output. #### C. Shutdown Mode The device features a **Shutdown (SD) Pin**. When pulled low, it reduces the quiescent current to less than 1 µA, making it ideal for battery-powered electronics. --- ### 3. Pin Configuration (8-Lead MSOP) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1, 2 | **OUT** | Regulated Output Voltage (3.0V). | | 3, 4 | **GND** | Ground Reference. | | 5 | **SD** | Shutdown Input (Active Low). | | 6 | **ERR** | Error Flag (Open collector output that indicates if output is out of regulation). | | 7, 8 | **IN** | Input Voltage (2.6V to 12V). | --- ### 4. Typical Applications Because of its high accuracy and low dropout, the ADP3333ARMZ-3-R7 is commonly used in: * **Cellular Handsets:** Managing battery power efficiently. * **Laptops/PDAs:** Providing stable rails for memory or I/O. * **Medical Equipment:** High-precision sensing circuits. * **Post-Regulation:** Cleaning up noise from Switching Mode Power Supplies (SMPS). --- ### 5. Part Number Breakdown * **ADP3333:** Base model number. * **ARMZ:** Package code (MSOP) and RoHS compliance (Z). * **3:** Indicates a **3.0V** fixed output. * **R7:** 7-inch Tape and Reel packaging (standard for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What is the difference between an LDO and a standard linear regulator?
    • ⤷ How do I calculate the power dissipation for the ADP3333 in my circuit?
    • ⤷ Can the ADP3333 handle input voltages higher than 12V?