データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP3333ARMZ-3.3-R71

  • AI
    ## Technical Overview of ADP3333ARMZ-3.3-R7 The **ADP3333ARMZ-3.3-R7** is a high-precision, low dropout (LDO) linear regulator manufactured by Analog Devices. It is part of the `anyCAP®` family, known for its stability even with very small output capacitors. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 3.3V (Fixed) | | **Input Voltage Range** | 2.6V to 12V | | **Max Output Current** | 300 mA | | **Dropout Voltage** | 140 mV (typical at 300 mA) | | **Accuracy** | ±0.8% at room temperature | | **Package Type** | MSOP-8 (Micro Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features * **anyCAP® Technology:** Unlike traditional LDOs that require specific ESR (Equivalent Series Resistance) in capacitors, this part is stable with any type of capacitor, including low-ESR multilayer ceramic capacitors (MLCC). * **Ultralow Dropout:** The low dropout voltage (140mV) allows the device to maintain a 3.3V output even when the input voltage is very close to the output level, maximizing battery life. * **Safety Protections:** * **Current Limit:** Protects the device during short circuits. * **Thermal Overload Protection:** Shuts down the IC if it exceeds safe temperature limits. * **Shutdown Mode:** Includes a digital input pin to disable the device, reducing current consumption to less than 1 µA. --- ### 3. Pin Configuration (MSOP-8) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 2 | **OUT** | Regulated 3.3V Output pins. | | 3 | **GND** | Ground reference. | | 4 | **NR** | Noise Reduction. Connect a capacitor to bypass internal reference noise. | | 5 | **SD** | Shutdown (Active Low). Tie to VIN for normal operation. | | 6 | **ERR** | Error Flag. Open-collector output that goes low if output falls out of regulation. | | 7, 8 | **IN** | Unregulated Input Voltage pins. | --- ### 4. Application Example The following is a basic representation of how to connect the ADP3333 in a circuit: ```c // Circuit Connectivity Logic Input (4.0V) -> [IN Pins (7,8)] -> [ADP3333] -> [OUT Pins (1,2)] -> Output (3.3V) | [GND (3)] -> System Ground | [SD (5)] -> Logic High (Enable) ``` ### 5. Part Number Breakdown * **ADP3333**: Base model series. * **ARMZ**: Package code (MSOP) and RoHS compliance (Z). * **3.3**: Fixed output voltage of 3.3 Volts. * **R7**: Tape and Reel packaging specification (typically 7-inch reel). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADP3333 and the ADP3334?
    • ⤷ Can I use this regulator without a noise reduction capacitor?
    • ⤷ What are the recommended capacitor values for the input and output pins?