データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP3631ARZ-R7

  • AI
    ## Technical Overview of the ADP3631ARZ-R7 The **ADP3631ARZ-R7** is a high-speed, dual, 2-ampere MOSFET driver manufactured by Analog Devices. It is designed to interface between low-power control ICs (like PWM controllers or Microcontrollers) and high-power MOSFETs or IGBTs. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Driver Configuration** | Dual, Non-Inverting | | **Output Current** | 2.0 A (Peak) | | **Supply Voltage Range** | 4.5 V to 18 V | | **Propagation Delay** | 20 ns (Typical) | | **Rise / Fall Time** | 10 ns / 10 ns (Typical) | | **Package Type** | SOIC-8 (Narrow) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Parts The internal circuitry of the ADP3631ARZ-R7 is composed of several critical electronic segments: * **Logic Input Stage:** * Compatible with TTL and CMOS levels. * Features high-input impedance, allowing it to be driven directly by low-power MCUs. * **Shoot-Through Protection:** * Internal circuitry prevents both output transistors from being "ON" at the same time (cross-conduction), which prevents internal heat damage. * **The Output Stage (Totem-Pole):** * Consists of high-current bipolar and CMOS transistors. * Designed to source and sink 2A of peak current to rapidly charge/discharge the gate capacitance of an external MOSFET. * **Under Voltage Lockout (UVLO):** * Ensures that the driver does not attempt to switch the external MOSFET if the supply voltage is too low to provide a full "ON" state. --- ### 3. Pin Configuration The device is housed in an 8-lead SOIC package. Below is the pinout description: | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **NC** | No internal connection. | | 2 | **INA** | Logic Input for Channel A. | | 3 | **GND** | Ground reference. | | 4 | **INB** | Logic Input for Channel B. | | 5 | **OUTB** | Output Driver for Channel B. | | 6 | **VDD** | Power Supply (4.5V to 18V). | | 7 | **OUTA** | Output Driver for Channel A. | | 8 | **NC** | No internal connection. | --- ### 4. Application Use-Cases The ADP3631ARZ-R7 is commonly found in circuits where high-speed switching is required to minimize power loss: * **Switch Mode Power Supplies (SMPS):** Driving the primary side MOSFETs. * **DC-to-DC Converters:** Buck, Boost, and Flyback topologies. * **Motor Control:** Driving H-bridge gate inputs. * **Solar Inverters:** Managing high-frequency switching for energy conversion. --- ### 5. Part Number Breakdown * **ADP3631:** The base functional series (Dual 2A MOSFET Driver). * **ARZ:** Indicates the SOIC package type and Lead-Free (RoHS) status. * **R7:** Indicates the packaging format (7-inch Tape and Reel, typically 1,000 units).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADP3631 and the ADP3624 series?
    • ⤷ Can this driver be used in an inverting configuration?
    • ⤷ What are the recommended decoupling capacitor values for the VDD pin?