データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP5022ACBZ-4-R7

  • AI
    The **ADP5022ACBZ-4-R7** is a high-efficiency power management unit (PMU) manufactured by Analog Devices. It is specifically designed for mobile applications, handheld devices, and low-power portable electronics that require multiple power rails in a compact footprint. --- ### 1. General Specifications The device combines two high-frequency buck (step-down) regulators and one low-dropout (LDO) linear regulator. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices | | **Package** | 16-ball WLCSP (Wafer Level Chip Scale Package) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Switching Frequency** | 3 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Breakdown of Integrated Regulators The "Dual Buck + Single LDO" architecture allows the chip to power different parts of a system (like a processor core, I/O, and sensitive analog sensors) simultaneously. #### A. Buck Regulators (Buck 1 & Buck 2) * **Current Output:** Each buck provides up to **600 mA** of continuous current. * **Efficiency:** Uses 3 MHz switching frequency, allowing for tiny 1.0 µH inductors. * **Modes:** Automatically transitions between **Power Save Mode (PSM)** for light loads and **PWM mode** for heavy loads to maximize battery life. #### B. LDO Regulator * **Current Output:** Provides up to **150 mA**. * **Purpose:** Ideal for noise-sensitive analog components due to its high Power Supply Rejection Ratio (PSRR) and low noise floor. --- ### 3. Pinout and Internal Functions The WLCSP package is extremely small (approx. 1.6 mm x 1.6 mm), making it critical for high-density PCB designs. | Pin Type | Function | | :--- | :--- | | **VIN1 / VIN2** | Input power for the Buck regulators. | | **VOUT1 / VOUT2** | Regulated output voltage pins for the Bucks. | | **VIN3** | Input power for the LDO. | | **EN1 / EN2 / EN3** | Individual enable pins for independent sequencing of power rails. | | **FB1 / FB2** | Feedback pins to monitor and regulate the output levels. | --- ### 4. Key Advantages 1. **Small Solution Size:** The high switching frequency (3 MHz) reduces the size of external inductors and capacitors. 2. **Flexible Sequencing:** Independent enable pins allow the system designer to turn on power rails in a specific order (Power-Up Sequencing), which is often required by microprocessors. 3. **Low Heat:** Synchronous rectification in the buck converters minimizes power loss and heat generation. --- ### 5. Common Applications * Smartphones and Tablets * Digital Cameras * Portable Medical Devices * Wearable Technology (Smartwatches)
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage levels for the '-4' variant of this IC?
    • ⤷ What external components are required to complete the power circuit for the ADP5022?
    • ⤷ How does the Power Save Mode (PSM) affect output ripple compared to PWM mode?