データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP5024ACPZ-R7

  • AI
    ## Technical Overview: ADP5024ACPZ-R7 The **ADP5024ACPZ-R7** is a high-performance Power Management Unit (PMU) designed by Analog Devices. It integrates two high-efficiency buck (step-down) regulators and one low-dropout (LDO) regulator, making it an ideal solution for powering modern processors, FPGAs, and portable devices where space and efficiency are critical. --- ### 1. Key Internal Components | Component | Type | Functionality | | :--- | :--- | :--- | | **Buck 1 & 2** | Step-Down Regulators | Provide up to 1200 mA each with high efficiency using a 3 MHz switching frequency. | | **LDO** | Linear Regulator | Provides up to 300 mA for noise-sensitive rails (like analog sensors or RF circuits). | | **Control Logic** | Logic Gate/Sequencer | Manages independent enable pins for each output and thermal shutdown protection. | | **Oscillator** | Clock Generator | Internal 3 MHz clock used for the switching regulators to allow for small external inductors. | --- ### 2. Technical Specifications Below are the primary electrical characteristics of the device: * **Input Voltage Range:** 2.3 V to 5.5 V * **Output Channels:** 3 Total (2 Buck + 1 LDO) * **Switching Frequency:** 3 MHz (Fixed) * **Output Current:** * Bucks: 1.2 A per channel * LDO: 300 mA * **Operating Temperature:** –40°C to +125°C * **Package:** 24-lead LFCSP (Lead Frame Chip Scale Package) --- ### 3. Features and Benefits 1. **Compact Footprint:** Because of the high 3 MHz switching frequency, designers can use very small chip inductors (2012 or 2520 size), saving significant PCB real estate. 2. **Low Noise:** The integrated LDO has high PSRR (Power Supply Rejection Ratio), which is critical for powering analog components that are sensitive to switching noise from the bucks. 3. **Efficiency:** It features an automatic "Power Save Mode" (PSM) that reduces switching losses during light load conditions. 4. **Protection:** Includes overcurrent protection, thermal shutdown, and undervoltage lockout (UVLO). --- ### 4. Typical Application Circuit The following represents a simplified connection logic: ```c [Input Voltage: 3.3V - 5V] | +-----> [Buck 1] ----> [1.2V @ 1.2A] ----> Core Processor | +-----> [Buck 2] ----> [1.8V @ 1.2A] ----> DDR Memory | +-----> [LDO] ----> [2.5V @ 300mA] ---> Analog Sensors ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the LFCSP package?
    • ⤷ How does the Power Save Mode (PSM) affect output ripple?
    • ⤷ Can the output voltages be adjusted using external resistors?