データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP5033ACBZ-1-R7

  • AI
    ## Overview of ADP5033ACBZ-1-R7 The **ADP5033ACBZ-1-R7** is a high-efficiency, power management unit (PMU) designed by Analog Devices. It is specifically engineered for applications requiring multiple power rails in a compact form factor, such as smartphones, tablets, and portable medical devices. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Buck Regulators** | 2 x 800 mA High-Efficiency Step-Down | | **LDO Regulators** | 2 x 300 mA Low-Dropout | | **Switching Frequency** | 3 MHz (allows for small inductors) | | **Package Type** | 20-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temp** | -40°C to +125°C | --- ### Key Electronic Components & Subsystems #### 1. Dual Step-Down (Buck) Regulators The two buck converters are the primary power sources for high-current components (like processors). - **Efficiency:** Up to 96%. - **3 MHz Frequency:** High switching speed enables the use of tiny 0603 or 0402 sized inductors and capacitors, saving PCB space. - **Mode Switching:** Automatically switches between PFM (Pulse Frequency Modulation) for light loads and PWM (Pulse Width Modulation) for heavy loads to maintain efficiency. #### 2. Dual Low-Dropout (LDO) Regulators The two 300 mA LDOs provide "clean" power with low noise, ideal for sensitive analog components. - **High PSRR:** Excellent Power Supply Rejection Ratio (PSRR) to filter out noise from the buck regulators. - **Low Quiescent Current:** Minimizes battery drain when the device is in standby mode. #### 3. Control and Protection Logic The chip integrates several safety and control features: - **Thermal Shutdown (TSD):** Protects the IC from overheating. - **Undervoltage Lockout (UVLO):** Prevents the device from operating at voltages too low for stable output. - **Soft Start:** Gradually increases output voltage to prevent high inrush currents during startup. --- ### Application Circuit Diagram (Functional Block) ```mermaid graph LR VBAT[Battery 2.3V-5.5V] --> BUCK1[Buck 1: 800mA] VBAT --> BUCK2[Buck 2: 800mA] VBAT --> LDO1[LDO 1: 300mA] VBAT --> LDO2[LDO 2: 300mA] BUCK1 --> CPU[Processor Core] BUCK2 --> RAM[DDR Memory] LDO1 --> RF[RF/Analog Section] LDO2 --> SENSOR[Sensors/IO] ``` --- ### Benefits of the "ACBZ-1-R7" Variant * **ACBZ:** Designates the WLCSP package type, which is extremely small (approx. 2mm x 1.6mm). * **1-R7:** Indicates specific factory-set output voltage configurations and tape-and-reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage levels for the '1-R7' suffix?
    • ⤷ How does the 3MHz switching frequency impact EMI performance?
    • ⤷ Can the buck regulators be synchronized to an external clock?