データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP5034ACPZ-R7

  • AI
    The **ADP5034ACPZ-R7** is a high-performance, integrated power management unit (PMU) manufactured by Analog Devices. It is designed for applications requiring multiple power rails in a compact footprint, such as smartphones, tablets, and portable industrial devices. ### 1. Key Technical Specifications The device integrates four high-efficiency regulators into a single package. | Feature | Specification | | :--- | :--- | | **Buck Regulators** | 2 x 800 mA (Adjustable output) | | **LDO Regulators** | 2 x 300 mA (Low noise, high PSRR) | | **Input Voltage Range** | 2.3 V to 5.5 V | | **Switching Frequency** | 3 MHz (High frequency for small inductors) | | **Quiescent Current** | 10 μA (Low power mode) | | **Package** | 24-lead LFCSP (4 mm × 4 mm) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Components The ADP5034 consists of several critical functional blocks: #### A. Dual Buck Regulators * **Efficiency:** Uses synchronous rectification to achieve up to 96% efficiency. * **Mode Switching:** Automatically shifts between PWM (Pulse Width Modulation) for high loads and PFM (Pulse Frequency Modulation) for light loads to save battery life. * **Inductors:** Due to the 3 MHz frequency, it can use tiny 1.0 μH chip inductors. #### B. Dual LDOs (Low Drop-Out) * **Purpose:** Provides clean, low-noise power for sensitive analog components (like sensors or RF stages). * **Stability:** Stable with small 1 μF ceramic input and output capacitors. #### C. Control & Protection * **Enable Pins:** Each regulator has an independent enable pin for specific power-up sequencing. * **Thermal Shutdown:** Protects the IC from overheating. * **Undervoltage Lockout (UVLO):** Prevents the device from operating if the battery voltage is too low. --- ### 3. Pinout and Integration Example Below is a conceptual representation of how the regulators are typically configured: ```c // Conceptual Power Rail Mapping [Input: 3.7V Li-Ion] | |-- Buck 1 (1.2V @ 800mA) --> Core Processor |-- Buck 2 (1.8V @ 800mA) --> I/O & Memory |-- LDO 1 (2.8V @ 300mA) --> Analog Sensors |-- LDO 2 (3.3V @ 300mA) --> USB/Peripheral Logic ``` --- ### 4. Applications * **Mobile Handsets:** Providing core and I/O voltages. * **Medical Equipment:** Portable monitors and diagnostic tools. * **IoT Modules:** Powering microcontrollers and wireless transceivers in a small form factor.
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for the 3 MHz switching frequency?
    • ⤷ How does the ADP5034 handle power sequencing?
    • ⤷ What is the difference between the 'ACPZ' and 'R7' suffixes in the part number?