データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP5301ACBZ-2-R7

  • AI
    ### Overview of the ADP5301ACBZ-2-R7 The **ADP5301ACBZ-2-R7** is a high-efficiency, ultralow quiescent current synchronous step-down (buck) regulator. It is specifically designed for battery-operated devices where extending battery life is the primary concern. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.15 V to 6.50 V | | **Output Voltage** | Fixed at **2.5 V** (determined by the "-2" suffix) | | **Output Current** | Up to 500 mA | | **Quiescent Current ($I_Q$)** | 240 nA (typical, in ultralow power mode) | | **Switching Frequency** | Up to 2 MHz | | **Package** | 9-ball WLCSP (Wafer Level Chip Scale Package) | --- ### Core Electronic Components & Features The internal architecture of the ADP5301 includes several critical blocks that define its performance: #### 1. Synchronous Rectification Unlike standard buck converters that use a diode, the ADP5301 uses an internal **N-channel MOSFET** and a **P-channel MOSFET**. This reduces conduction losses and significantly increases efficiency, especially at low load currents. #### 2. Power Save Mode (PSM) The device transitions between two main modes to manage energy: * **Hysteresis Mode:** For light loads, it uses a hysteretic control scheme to minimize switching losses. * **PWM Mode:** For higher loads, it switches to Pulse Width Modulation for stable voltage regulation and low noise. #### 3. Integrated VINOK Flag The IC includes a "Voltage Input OK" (VINOK) monitor. This is an open-drain output that signals when the input voltage rises above the required threshold, allowing for precise system sequencing. #### 4. Feedback Network The **ACBZ-2** variant features an integrated internal resistor divider preset to **2.5 V**. This reduces the external BOM (Bill of Materials) count and saves PCB space. --- ### Typical Application Circuit Requirements To function correctly, the ADP5301 requires a few high-quality external passive components: * **Inductor ($L$):** Typically a 2.2 µH low-DCR inductor to handle the switching current. * **Input Capacitor ($C_{IN}$):** A 10 µF ceramic capacitor (X5R or X7R) to stabilize input voltage. * **Output Capacitor ($C_{OUT}$):** A 10 µF to 22 µH ceramic capacitor to filter output ripple. --- ### Package Pinout (9-Ball WLCSP) | Pin | Name | Description | | :--- | :--- | :--- | | A1 | VIN | Input Voltage Supply | | A2 | SW | Switching Node (Connects to Inductor) | | A3 | VOUT | Output Voltage Sense/Feedback | | B1 | EN | Enable Input (High = On) | | B2 | MODE | Selects between PWM and Power Save Mode | | B3 | VINOK | Input Voltage Status (Open-Drain) | | C1-C3 | GND | Ground Connections |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 'Hysteresis' and 'PWM' operating modes in this chip?
    • ⤷ Can the output voltage be adjusted on the -2-R7 model
    • ⤷ or is it strictly fixed?
    • ⤷ Which specific battery chemistries are best suited for use with the ADP5301?