データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP5600ACPZ-R7

  • AI
    The **ADP5600ACPZ-R7** is a high-performance, multi-output power management IC manufactured by Analog Devices. It integrates a **low-noise charge pump inverter** with a **negative low dropout (LDO) regulator**, designed specifically to provide clean negative voltage rails from a single positive supply. --- ## 1. Core Technical Specifications The following table summarizes the primary electrical characteristics of the ADP5600 series: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.7 V to 5.5 V | | **Charge Pump Output** | Inverted Input (Vout = -Vin) | | **LDO Output Current** | Up to 100 mA | | **Output Noise** | 80 μV rms (typical, 10 Hz to 100 kHz) | | **Switching Frequency** | 100 kHz to 1 MHz (Adjustable/Syncable) | | **Package** | 16-lead LFCSP (3mm x 3mm) | | **Operating Temp** | -40°C to +125°C | --- ## 2. Key Functional Blocks ### A. Charge Pump Inverter The device uses an internal oscillator and external "flying" capacitors to invert the positive input voltage. It is designed for high efficiency and features an **internal FET** to reduce component count. ### B. Negative LDO Regulator Following the charge pump, an integrated negative LDO filters out switching noise. This is critical for sensitive analog applications (like operational amplifiers) that require a very "quiet" negative rail. ### C. Frequency Control * **Internal Oscillator:** Can be set via an external resistor. * **External Synchronization:** Allows the device to sync with a system clock to prevent interference (beat frequencies) with other components. --- ## 3. Typical Application Circuit To use this part, you generally need four external capacitors: 1. **C_IN:** Input bypass capacitor. 2. **C_FLY:** The flying capacitor for the charge pump. 3. **C_CP:** Storage capacitor for the charge pump output. 4. **C_OUT:** Output capacitor for the LDO. ```yaml Pin Configuration Snippet: - VIN: Input Power (2.7V - 5.5V) - CFLY+/CFLY-: Connections for the flying capacitor - VOUT: Regulated Negative Output - SYNC/FREQ: Frequency adjustment or External Clock Sync - EN: Enable/Shutdown pin ``` --- ## 4. Common Use Cases * **Bipolar Supply Generation:** Creating a -5V rail from a +5V USB or battery source. * **ADC/DAC Reference Rails:** Providing clean power to high-speed converters. * **Optical Modules:** Powering biasing circuits in telecommunications. * **Portable Instrumentation:** Where low noise and small PCB footprint are mandatory. ---
    ✨ Follow-up Questions
    • ⤷What are the recommended values for the flying capacitors in this IC?
    • ⤷ How does the ADP5600 compare to the older ADP5070 in terms of noise?
    • ⤷ Can the output voltage be adjusted
    • ⤷ or is it fixed at -Vin?