データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP7104ARDZ-R7

  • AI
    ## Overview of ADP7104ARDZ-R7 The **ADP7104ARDZ-R7** is a high-performance, low-dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to operate from high input voltages (up to 20V) and provide a very stable, low-noise output current of up to 500 mA. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 3.3 V to 20 V | | **Output Current** | 500 mA (Maximum) | | **Output Voltage Options** | Adjustable (1.22 V to 19 V) or Fixed | | **Dropout Voltage** | 200 mV (typical at 500 mA load) | | **Low Noise** | 15 µV rms (independent of output voltage) | | **PSRR** | 60 dB at 10 kHz (Vout = 5V) | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | --- ### 2. Core Features * **Low Noise Performance:** It is ideal for noise-sensitive applications like RF amplifiers, precision ADCs, and high-speed data converters. * **Reverse Current Protection:** Includes circuitry to prevent current from flowing from the output back to the input, protecting the device and the power source. * **Precision Enable:** Allows the user to turn the regulator on or off with a precise logic signal. * **Programmable Soft Start:** Helps in controlling the inrush current during power-up (available on certain configurations). * **Thermal Management:** The "EP" in the package name refers to an **Exposed Pad**, which must be soldered to the PCB ground plane to dissipate heat efficiently. --- ### 3. Pin Configuration (SOIC-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | VOUT | Regulated Output Voltage. | | 2 | SENSE/ADJ | Connect to VOUT (fixed) or resistor divider (adjustable). | | 3 | GND | Ground. | | 4 | NC | No Internal Connection. | | 5 | EN | Enable Input (High = On, Low = Off). | | 6 | SS | Soft Start control (connect a capacitor). | | 7 | VIN | Input Voltage Source. | | 8 | VIN | Input Voltage Source. | --- ### 4. Typical Application Circuit To use the adjustable version of the ADP7104, a simple resistor divider is required to set the output voltage ($V_{OUT}$): ```cpp // Vout Formula Vout = 1.22V * (1 + R1 / R2) // Components needed: // 1. Cin: 2.2 uF Ceramic Capacitor // 2. Cout: 2.2 uF Ceramic Capacitor // 3. R1 & R2: Feedback resistors for Adj version ``` --- ### 5. Common Use Cases * **Infrastructure:** Base stations and wireless communication equipment. * **Industrial:** High-precision instrumentation and medical imaging. * **Post-Regulation:** Cleaning up the output of switching power supplies to provide a ripple-free rail for sensitive sensors.
    ✨ Follow-up Questions
    • ⤷How do I calculate the power dissipation for the SOIC-8 EP package?
    • ⤷ What are the recommended capacitor types for stable operation?
    • ⤷ What is the difference between the ADP7104 and the ADP7102?