データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADP7142ARDZ-3.3-R7

  • AI
    The **ADP7142ARDZ-3.3-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for high-performance analog and mixed-signal circuits that require clean power and high voltage stability. --- ### 1. Key Technical Specifications The following table summarizes the core electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 3.3 V (Fixed) | | **Input Voltage Range** | 2.7 V to 40 V | | **Maximum Output Current** | 200 mA | | **Dropout Voltage** | 200 mV (typical at 200 mA) | | **PSRR** | >60 dB (at 10 kHz), >40 dB (at 1 MHz) | | **Output Noise** | 11 μV rms (10 Hz to 100 kHz) | | **Package** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADP7142 includes several critical stages: * **Internal Reference:** Provides a high-precision, low-noise voltage reference used to compare against the output. * **Error Amplifier:** High-gain amplifier that adjusts the pass transistor to maintain the fixed 3.3V output regardless of load changes. * **Pass Transistor:** A P-channel MOSFET that regulates the current flow from input to output. * **Protection Circuits:** * **Thermal Shutdown:** Protects the device if the junction temperature exceeds 150°C. * **Current Limit:** Prevents damage during short-circuit conditions. * **Reverse Current Protection:** Prevents current from flowing from Vout back to Vin. --- ### 3. Application Use-Cases The ADP7142 is typically used in environments where power supply noise can degrade system performance: 1. **ADC/DAC Powering:** Providing ultra-quiet rails for high-resolution data converters. 2. **RF Circuits:** Powering low-noise amplifiers (LNAs) and VCOs where phase noise is a concern. 3. **Industrial/Automotive:** Handling high input voltage spikes (up to 40V) while regulating down to low-voltage logic. 4. **Medical Instrumentation:** Sensitive signal conditioning circuits requiring high PSRR. --- ### 4. Layout Considerations (Hardware Design) To achieve the specified performance, the following hardware design rules are recommended: * **Capacitor Selection:** Use small 2.2 μF ceramic capacitors (X5R or X7R) for both input and output. * **Thermal Management:** The **ARDZ** suffix denotes the SOIC package with an **Exposed Pad (EP)**. This pad must be soldered to the PCB ground plane to dissipate heat effectively. * **Trace Width:** Ensure input and output traces are wide enough to minimize inductance and handle the 200mA current.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the fixed 3.3V version and the adjustable version of the ADP7142?
    • ⤷ How does the Power Good (PG) pin function on this specific IC?
    • ⤷ Can you provide a basic schematic example for connecting the ADP7142?