データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADPA1122AEHZ-R7

  • AI
    The **ADPA1122AEHZ-R7** is a high-performance, gallium nitride (GaN) power amplifier designed by Analog Devices. It is specifically engineered for high-frequency applications, typically spanning the Ka-band. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Technology** | Gallium Nitride (GaN) | | **Frequency Range** | 28 GHz to 38 GHz | | **Saturated Output Power ($P_{sat}$)** | 40 dBm (10 Watts) | | **Power Gain** | 22 dB | | **Supply Voltage ($V_{DD}$)** | 28 V | | **Quiescent Current ($I_{DQ}$)** | 300 mA | | **Package** | 24-lead LCC_V (Heatslug) | --- ### ## Key Electronic Components & Features The ADPA1122 is more than just a simple transistor; it is a complex Integrated Circuit (IC). Its internal architecture includes: 1. **GaN on SiC Construction:** Using Gallium Nitride on a Silicon Carbide substrate allows for high power density and excellent thermal conductivity, which is essential for 10W output at millimeter-wave frequencies. 2. **Integrated RF Matching:** The input and output ports are internally matched to **50 $\Omega$**. This simplifies PCB design as external impedance matching networks are not required. 3. **Bias Control:** The device requires a negative gate voltage ($V_{GG}$) and a positive drain voltage ($V_{DD}$). It is typically used in a pulsed power mode to manage thermal dissipation. 4. **Temperature Sensor:** Includes an on-chip power detector and temperature sensor to monitor real-time performance and prevent thermal runaway. --- ### ## Applications This part is commonly found in high-bandwidth communication and sensing systems: * **5G Infrastructure:** Used in millimeter-wave (mmWave) base stations. * **Satellite Communications (SatCom):** Ideal for Ka-band earth stations. * **Military Radar:** High-resolution tracking and electronic warfare systems. * **Test & Measurement:** High-frequency signal generators. --- ### ## Usage Considerations * **Thermal Management:** Because it generates significant heat (10W RF output), the bottom "E-Pad" (Exposed Pad) must be soldered to a robust ground plane with thermal vias or a copper heat sink. * **Power Sequencing:** Like most GaN devices, the negative gate bias ($V_{GG}$) **must** be applied before the drain voltage ($V_{DD}$) to avoid destroying the part.
    ✨ Follow-up Questions
    • ⤷What are the specific power-up sequencing requirements for GaN amplifiers like the ADPA1122?
    • ⤷ How does the thermal resistance of the LCC_V package affect its 10W performance?
    • ⤷ What are the recommended driver amplifiers to use with the ADPA1122?