データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADPD2212ACPZ-R7

  • AI
    ## Overview of ADPD2212ACPZ-R7 The **ADPD2212ACPZ-R7** is a high-precision, ultra-low noise optical sensor (specifically a silicon photodiode) manufactured by **Analog Devices (ADI)**. It is designed to operate in the visible to near-infrared spectrum and is optimized for low-power, high-sensitivity medical and industrial applications. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Optical Sensor (Photodiode) | | **Spectral Range** | 400 nm to 1100 nm (Visible to NIR) | | **Peak Sensitivity** | ~560 nm (optimized for green light) | | **Active Area** | 1.0 mm² | | **Dark Current** | 10 pA (typical) | | **Package** | 8-Lead LFCSP (2mm x 3mm) | | **Operating Temperature** | -40°C to +85°C | --- ### Key Features 1. **High Signal-to-Noise Ratio (SNR):** The device is engineered to provide exceptionally clean signals, which is critical when measuring minute physiological changes (like a heartbeat). 2. **Linearity:** It maintains high linearity across a wide range of light intensities, ensuring accuracy in variable lighting conditions. 3. **Green Light Optimization:** While it covers a broad spectrum, it is particularly sensitive to green light (approx. 560 nm), which is the industry standard for heart rate monitoring (PPG). 4. **Small Form Factor:** The ultra-compact LFCSP package allows it to be integrated into tiny wearable devices like rings or slim fitness bands. --- ### Common Applications * **Wearable Health Monitors:** Heart rate monitoring (HRM) and heart rate variability (HRV). * **Pulse Oximetry:** Measuring blood oxygen saturation (SpO2) using red and IR light. * **Industrial Sensing:** Proximity sensing and ambient light measurement. * **Medical Diagnostics:** Portable clinical-grade monitoring equipment. --- ### Typical Circuit Integration The ADPD2212 is usually paired with a specialized **Analog Front End (AFE)**, such as the ADPD105 or ADPD188. These AFEs provide the necessary LED drivers and Analog-to-Digital Converters (ADC) to process the photodiode's current output. ```c // Example pseudocode for initializing a generic ADI AFE with ADPD2212 void setup_optical_sensor() { write_register(REG_LED_CURRENT, 0x1F); // Set LED drive strength write_register(REG_AFE_GAIN, 0x02); // Set TIA gain for photodiode write_register(REG_SAMPLE_RATE, 100); // 100 Hz sampling } ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the ADPD2212 compare to the ADPD2211 in terms of performance?
    • ⤷ What are the recommended Analog Front Ends (AFEs) to use with this photodiode?
    • ⤷ Can this sensor be used for SpO2 measurements in the infrared range?