データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADPL42002ARDZ-5.0-R7

  • AI
    The **ADPL42002ARDZ-5.0-R7** is a high-performance linear voltage regulator designed by Analog Devices. It is specifically engineered for applications requiring high precision, low noise, and robust protection features. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 5.0V | | **Input Voltage Range** | Up to 40V (Wide Input) | | **Output Current** | Typically 200mA | | **Package Type** | SOIC-8 (Exposed Pad for thermal relief) | | **Dropout Voltage** | Low Dropout (LDO) architecture | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Features and Functionality The device is part of a specialized line of regulators that emphasize stability and protection. Its internal architecture includes several critical electronic stages: * **Internal Reference:** A high-precision bandgap reference ensures the 5.0V output remains stable regardless of temperature fluctuations. * **Error Amplifier:** Constantly monitors the output voltage and adjusts the internal pass transistor to maintain the target 5.0V. * **Thermal Shutdown:** Protects the internal circuitry by shutting down the device if the junction temperature exceeds safe limits (usually around 150°C). * **Current Limiting:** Includes short-circuit protection to prevent the device from burning out during a fault condition. --- ### 3. Application Circuit Example To ensure stability, LDOs like the ADPL42002ARDZ-5.0 require external capacitors. Below is a conceptual representation of a standard implementation: ```c // Typical Pin Configuration (SOIC-8) 1: VIN (Input Voltage) 2: NC (No Connect) 3: NC (No Connect) 4: GND (Ground) 5: NC (No Connect) 6: NC (No Connect) 7: VOUT (5.0V Output) 8: NC (No Connect) // Note: The exposed pad must be soldered to the PCB ground plane. ``` --- ### 4. Comparison with Standard Regulators | Feature | ADPL42002 Series | Standard 78L05 | | :--- | :--- | :--- | | **Input Range** | Up to 40V (Robust) | Typically lower/less stable | | **Precision** | High Accuracy | Standard Tolerance | | **Thermal Management** | Exposed Pad (EP) for cooling | Standard plastic package | | **Noise Profile** | Ultra-low noise for sensors | Standard switching/linear noise | --- ### 5. Typical Use Cases * **Industrial Automation:** Providing clean 5V power to PLCs and sensors. * **Automotive Systems:** Handling the wide voltage swings of a vehicle battery (up to 40V transients). * **Medical Instrumentation:** Where low-noise power is critical for signal integrity.
    ✨ Follow-up Questions
    • ⤷ What are the specific capacitor requirements (ESR) for the ADPL42002 to ensure stability?
    • ⤷ How does the 'Exposed Pad' impact the PCB layout design for thermal management?
    • ⤷ What is the typical quiescent current of this device in standby mode?