データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADPL42005ARDZ-5.0-R7

  • AI
    The **ADPL42005ARDZ-5.0-R7** is a precision low-dropout (LDO) linear regulator manufactured by Analog Devices (ADI). It is designed to provide a stable, low-noise power supply for sensitive analog and digital circuits. --- ## 1. Technical Specifications Below are the primary electrical characteristics of the ADPL42005 series: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 5.0 V (Fixed) | | **Input Voltage Range** | 1.6 V to 6.5 V | | **Max Output Current** | 500 mA | | **Dropout Voltage** | ~170 mV @ 500 mA | | **Accuracy** | ±1% over line, load, and temperature | | **PSRR** | 70 dB (at 1 kHz), 40 dB (at 1 MHz) | | **Noise** | < 10 µV rms (10 Hz to 100 kHz) | | **Package** | 8-Lead SOIC_N_EP (Exposed Pad) | --- ## 2. Key Internal Features The device incorporates several internal mechanisms to ensure reliability and performance: ### A. Power Supply Rejection Ratio (PSRR) The ADPL42005 is optimized for high-frequency PSRR. This allows it to effectively filter out high-frequency switching noise from upstream DC-DC converters, making it ideal for RF and medical imaging applications. ### B. Thermal and Current Protection * **Thermal Overload Protection:** The device shuts down if the junction temperature exceeds the safety threshold (typically 150°C). * **Current-Limit Protection:** Protects the regulator and the system during short-circuit conditions or excessive load. ### C. Precision Enable (EN) Pin The device includes a precision threshold enable pin, which allows for accurate sequencing of power rails in multi-rail systems. --- ## 3. Pin Configuration The 8-lead SOIC package utilizes an exposed pad for enhanced thermal dissipation. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Pin. | | 2, 3 | **NC** | No internal connection. | | 4 | **GND** | Ground reference. | | 5 | **EN** | Enable input. Drive high to turn on the regulator. | | 6 | **SS/ADJ** | Soft-start or adjustment pin (for fixed versions, usually used for bypass capacitors). | | 7 | **SENSE** | Feedback sense input for the output voltage. | | 8 | **VOUT** | Regulated Output Voltage. | | **EP** | **Exposed Pad** | Should be soldered to the PCB ground plane for heat sinking. | --- ## 4. Part Number Breakdown The suffixing follows the standard Analog Devices naming convention: * **ADPL42005**: The base model series. * **ARDZ**: **A** = Operating Temp Range; **R** = SOIC Package; **D** = Thermal Enhancement; **Z** = RoHS Compliant. * **5.0**: Indicates the fixed 5.0V output. * **R7**: Indicates Tape and Reel packaging (7-inch reel, typically 1,000 units). --- ## 5. Typical Application Circuit ```text [VIN] ----+----[ ADPL42005 ]----+---- [VOUT: 5.0V] | | [Cin] [Cout] 10uF 10uF | | [GND] [GND] ``` * **Capacitor Selection:** High-quality ceramic capacitors (X5R or X7R) are recommended for stability and low noise.
    ✨ Follow-up Questions
    • ⤷ What are the main competitors to the ADPL42005 in high-PSRR applications?
    • ⤷ How does the exposed pad (EP) affect the thermal layout of the PCB?
    • ⤷ Can the 5.0V fixed output be modified using an external resistor divider?