ADR01AUJ-R2
AI

The **ADR01AUJZ-R2** is a precision bandgap voltage reference IC manufactured by **Analog Devices**. It is designed to provide a highly stable and accurate 10V output for various analog applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical parameters for the ADR01AUJZ-R2:
| Parameter | Specification | Note |
|:---|:---|:---|
| **Output Voltage ($V_{out}$)** | 10.0 V | Fixed output |
| **Input Voltage Range** | 12.0 V to 36.0 V | Requires headroom |
| **Initial Accuracy** | ±0.1% | High precision |
| **Temperature Coefficient** | 9 ppm/°C | Stability over heat |
| **Output Current Capability** | 10 mA | Source current |
| **Quiescent Current** | 1 mA (Max) | Power consumption |
| **Package Type** | TSOT-23-5 | Surface Mount (SMT) |
---
### 2. Functional Features
* **Low Noise:** It features very low wideband noise ($0.1\text{ Hz}$ to $10\text{ Hz}$), which is critical for high-resolution Data Converters (ADCs/DACs).
* **High Stability:** The "Bandgap" architecture ensures that the output voltage remains constant even if the supply voltage or ambient temperature fluctuates.
* **Trim Terminal:** The device includes a "TRIM" pin (Pin 5) which allows users to fine-tune the output voltage by ±0.5% using an external potentiometer.
* **No External Capacitor Required:** It is stable without the need for an output capacitor, though one can be added to improve transient response.
---
### 3. Pin Configuration (TSOT-23-5)
The device is housed in a small 5-lead Thin Small Outline Transistor (TSOT) package.
```markdown
Pin 1: NC (No Internal Connection)
Pin 2: GND (Ground)
Pin 3: NC (No Internal Connection)
Pin 4: VIN (Input Voltage)
Pin 5: VOUT (Output Voltage) / TRIM
```
---
### 4. Common Applications
1. **Precision Data Acquisition:** Providing a reference for 12-bit to 16-bit ADCs.
2. **Industrial Instrumentation:** Used in process control systems and PLC modules.
3. **Medical Equipment:** High-stability requirements for diagnostic sensors.
4. **Voltage Regulators:** Acting as a reference for high-accuracy power supply circuits.
- ⤷
What is the difference between the AUJ and BUJ versions of the ADR01?
- ⤷ How do I connect the TRIM pin to adjust the output voltage?
- ⤷ Can the ADR01 be used as a current source?