データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADR01WARZ-R7

  • AI
    ## Overview of ADR01WARZ-R7 The **ADR01WARZ-R7** is a precision bandgap voltage reference manufactured by **Analog Devices**. It is part of the ADR01 series, known for high accuracy, low noise, and excellent stability. The "W" in the part number signifies that it is qualified for **automotive applications**. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 10.0 V | | **Input Voltage Range** | 12.0 V to 36.0 V | | **Initial Accuracy** | ±0.1% (10 mV) | | **Temperature Coefficient** | 3 ppm/°C (Typical) | | **Output Current Drive** | 10 mA | | **Quiescent Current** | 1 mA (Maximum) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOIC-8 | --- ### 2. Core Functional Features * **Low Noise:** It provides a very clean output, which is essential for high-resolution Data Acquisition Systems (DAS). * **High Stability:** The device maintains its 10V output over a wide range of temperatures and input voltages (excellent Line and Load regulation). * **Automotive Grade:** It is **AEC-Q100** qualified, meaning it has undergone rigorous testing for reliability in harsh automotive environments. * **No External Capacitors Required:** While external capacitors can be used to further reduce noise, the device is stable without them. --- ### 3. Pin Configuration (SOIC-8) | Pin Number | Mnemonic | Description | | :--- | :--- | :--- | | 1 | TP | Test Pin (Leave Unconnected) | | 2 | $V_{IN}$ | Input Voltage Supply | | 3 | TP | Test Pin (Leave Unconnected) | | 4 | GND | Ground | | 5 | TRIM | Optional output voltage adjustment | | 6 | $V_{OUT}$ | 10V Reference Output | | 7 | NC | No Internal Connection | | 8 | NC | No Internal Connection | --- ### 4. Typical Applications 1. **Precision Data Converters:** Acts as the reference voltage for 12-bit to 16-bit ADCs and DACs. 2. **Industrial Instrumentation:** Used in PLC (Programmable Logic Controller) analog I/O modules. 3. **Automotive Electronics:** Engine control units (ECU) and sensor signal conditioning. 4. **Medical Equipment:** High-stability power monitoring for diagnostic tools. --- ### 5. Part Number Decoding * **ADR01**: Series Identifier (10V Reference). * **W**: Automotive Qualified. * **A**: Grade (Accuracy/Temp Co). * **RZ**: RoHS Compliant SOIC package. * **R7**: 7-inch Tape and Reel packaging (3,000 units).
    ✨ Follow-up Questions
    • What is the difference between the ADR01 and the ADR02 models?
    • How does the TRIM pin allow for voltage adjustment?
    • What are the power dissipation limits for the SOIC-8 package in this device?