データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADR3525WARMZ-R7

  • AI
    ## Technical Overview: ADR3525WARMZ-R7 The **ADR3525WARMZ-R7** is a high-precision, low-power, CMOS voltage reference manufactured by **Analog Devices**. It is specifically designed for automotive and industrial applications where stability and efficiency are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 2.500 V | | **Initial Accuracy** | ±0.1% (Max) | | **Temperature Coefficient** | 5 ppm/°C (Grade B) | | **Input Voltage Range** | 2.7 V to 5.5 V | | **Quiescent Current** | 100 µA (Max) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-Lead MSOP | | **Qualification** | AEC-Q100 (Automotive Grade) | --- ### 2. Core Features * **High Stability:** The device maintains a very low temperature drift (5 ppm/°C), ensuring consistent performance across extreme temperature ranges. * **Low Noise:** It provides low output noise (typically 20 µV p-p at 0.1 Hz to 10 Hz), which is essential for high-resolution Data Converters (ADCs/DACs). * **AEC-Q100 Qualified:** The "W" in the part number signifies its automotive qualification, meaning it is tested for reliability in harsh automotive environments. * **Small Footprint:** The MSOP-8 package is ideal for space-constrained PCB designs. --- ### 3. Pin Configuration (MSOP-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1, 8 | NIC | No Internal Connection | | 2 | VIN | Input Voltage Supply | | 3 | EN | Enable (Active High) | | 4 | GND | Ground | | 6 | VOUT | Reference Voltage Output | | 5, 7 | NC | No Connection (Reserved) | --- ### 4. Typical Applications The ADR3525 is commonly used as a stable "yardstick" for measurement in the following circuits: 1. **Precision Data Acquisition:** Providing the reference voltage for 12-bit to 16-bit ADCs. 2. **Automotive Systems:** Battery management systems (BMS), powertrain controls, and sensor interfaces. 3. **Portable Instrumentation:** Due to its low quiescent current (100 µA), it is ideal for battery-powered devices. 4. **Process Control:** Ensuring accuracy in industrial 4-20mA loops. --- ### 5. Part Number Breakdown: ADR3525WARMZ-R7 * **ADR3525**: Device Series (2.5V Output). * **W**: Automotive Qualified. * **A**: Accuracy Grade. * **RM**: MSOP Package. * **Z**: RoHS Compliant (Lead-Free). * **R7**: 7-inch Tape and Reel (3,000 pieces).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADR3525 and ADR3530 versions?
    • ⤷ Can you explain how the 'Enable' pin affects power consumption in this device?
    • ⤷ What external capacitors are recommended for stabilizing the VOUT pin?