データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADR3540WARMZ-R7

  • AI
    The **ADR3540WARMZ-R7** is a precision, micropower, low-noise voltage reference manufactured by Analog Devices (ADI). It is specifically designed for high-accuracy applications where stability and power efficiency are critical. --- ### ## Technical Specifications Below is a breakdown of the key electronic characteristics of the ADR3540WARMZ-R7. | Parameter | Value / Description | | :--- | :--- | | **Output Voltage** | 4.096 V | | **Input Voltage Range** | 4.296 V to 18 V | | **Initial Accuracy** | ±0.1% (Grade A) | | **Temperature Coefficient** | 8 ppm/°C (Max) | | **Supply Current** | 100 µA (Max) | | **Output Noise** | 41 µV p-p (0.1 Hz to 10 Hz) | | **Package Type** | MSOP-8 (WARMZ) | | **Operating Temp** | -40°C to +125°C | | **Automotive Grade** | AEC-Q100 Qualified | --- ### ### Key Features and Internal Components 1. **Low Dropout (LDO) Architecture**: This part can maintain a stable 4.096V output with a very low "headroom" (input voltage only needs to be ~200mV above the output), making it ideal for battery-powered systems. 2. **AEC-Q100 Qualification**: The "W" in the part number signifies it is automotive grade, meaning it has undergone rigorous stress testing for reliability in harsh vehicle environments. 3. **Trimmed Output**: The internal circuitry uses patented temperature drift curvature correction and laser-trimming to minimize the change in voltage over temperature. 4. **Capacitive Stability**: It is designed to be stable even with a wide range of output capacitors (typically 0.1 µF to 10 µF), which helps in filtering high-frequency noise. --- ### ### Typical Application Circuit When integrating this component into a PCB design, the following configuration is standard: ```c // Schematic Representation [Input Voltage: 5V - 18V] ----> [VIN (Pin 2)] [ADR3540] [GND] ------------------------> [GND (Pin 4)] [VOUT (Pin 6)] ----> [Precision ADC Reference] [NC (Pin 1,3,5,7,8)] (No Internal Connection) // Recommendation: // Place a 0.1uF Ceramic Capacitor between VIN and GND. // Place a 1uF to 10uF Capacitor between VOUT and GND for stability. ``` --- ### ### Applications * **Automotive Systems**: Battery management systems (BMS) and sensor interfaces. * **Data Acquisition**: Providing a stable reference for 12-bit, 14-bit, and 16-bit ADCs. * **Instrumentation**: Precision scales and portable medical devices. * **Process Control**: Industrial 4-20mA loops.
    ✨ Follow-up Questions
    • What are the main differences between the ADR3540 and the ADR3525?
    • How does the 'R7' suffix impact the ordering and packaging of this part?
    • Can this voltage reference be used as a low-current power supply?