データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADR3630BRMZ-R7

  • AI
    ## ADR3630BRMZ-R7: Technical Overview The **ADR3630BRMZ-R7** is a high-precision, low-power, low-noise **Voltage Reference** integrated circuit manufactured by Analog Devices. It belongs to the ADR36x family, which is designed for applications requiring high accuracy and stability in a small form factor. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 3.0 V | | **Initial Accuracy** | ±0.1% (Max) | | **Temperature Coefficient** | 9 ppm/°C (Max) | | **Input Voltage Range** | 3.3 V to 15 V | | **Supply Current** | 190 µA (Max) | | **Output Current Capability** | +5 mA (Source) / -1 mA (Sink) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-Lead MSOP (RM-8) | --- ### 2. Functional Components and Design The internal architecture of the ADR3630 utilizes a **Bandgap Reference** core. Key electronic characteristics include: * **Low Quiescent Current:** At only 190 µA, it is ideal for battery-powered or portable instrumentation. * **Low Noise:** It features low 1/f noise (typically $8.7 \mu V_{p-p}$ in the 0.1 Hz to 10 Hz range), which is critical for high-resolution Data Converters (ADCs/DACs). * **Line/Load Regulation:** The device maintains a stable 3.0V output despite fluctuations in the input supply voltage or changes in the output load current. * **Trimmed Output:** The device is laser-trimmed at the wafer level to ensure tight initial accuracy and minimal thermal drift. --- ### 3. Application Circuit Example To ensure stability, the ADR3630 typically requires a decoupling capacitor on the input and an optional capacitor on the output. ```spice * Basic Connection Diagram VIN (3.3V - 15V) ----[ PIN 2: VIN ]----[ ADR3630 ]----[ PIN 6: VOUT ]---- 3.0V Ref | | | [C_in] [GND] [C_out] | | | GND --------------------------------------------------------------------- GND ``` --- ### 4. Common Applications * **Precision Data Acquisition:** Used as the reference for 12-bit to 16-bit ADCs. * **Industrial Process Control:** Ensuring accuracy in PLC analog input modules. * **Medical Equipment:** Portable monitoring devices requiring high stability. * **Automotive Systems:** Sensor signal conditioning under varying temperature environments. ---
    ✨ Follow-up Questions
    • ⤷What are the differences between the ADR3630 and the ADR3625 models?
    • ⤷ How does the output capacitor value affect the stability of this IC?
    • ⤷ Is this part suitable for high-radiation environments or automotive-grade applications?