データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADR366BUJZ-R2

  • AI
    ## Overview of the ADR366BUJZ-R2 The **ADR366BUJZ-R2** is a high-precision, low-power, band gap voltage reference manufactured by **Analog Devices**. It is designed to provide a stable 3.3V output even with fluctuations in input voltage or temperature, making it ideal for precision analog-to-digital (ADC) and digital-to-analog (DAC) conversion systems. --- ### Key Specifications The table below highlights the primary technical parameters of the ADR366BUJZ-R2: | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 3.3 V | | **Initial Accuracy** | ±0.2% (6.6 mV) | | **Temperature Coefficient** | 9 ppm/°C (Maximum) | | **Input Voltage Range** | 3.6 V to 15 V | | **Supply Current** | 190 µA (Maximum) | | **Output Current Capacity** | 5 mA (Source) / 2 mA (Sink) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | TSOT-23-5 (UJ-5) | --- ### Internal Functional Blocks The device consists of several critical internal stages to ensure stability: 1. **Band Gap Core:** The heart of the chip that generates a stable reference voltage based on the physical properties of silicon. 2. **Error Amplifier:** Compares the output voltage to the internal reference and adjusts the output driver to correct for errors. 3. **Output Buffer:** Provides the necessary current to drive external loads without dropping the reference voltage. 4. **Shutdown Circuitry:** Allows the device to be put into a low-power state when not in use to conserve battery life. --- ### Application Circuit Example To utilize the ADR366 effectively, decoupling capacitors are required to ensure stability and reduce noise. ```c // Typical Connection Logic Input (3.6V - 15V) --> [V_IN Pin] [GND Pin] --> System Ground [V_OUT Pin] --> 0.1uF Capacitor --> Ground [V_OUT Pin] --> Load (ADC/DAC Reference Pin) ``` --- ### Common Use Cases * **Precision Data Acquisition:** Providing the reference voltage for 12-bit to 16-bit ADCs. * **Portable Instrumentation:** Due to its low power consumption (190 µA). * **Industrial Process Control:** Used in 4–20 mA loop-powered systems. * **Automotive Systems:** Stable performance over a wide temperature range.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADR366 'A' grade and 'B' grade versions?
    • ⤷ How does the dropout voltage affect the minimum input voltage requirement?
    • ⤷ Can this part be used in a series or shunt configuration?