データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADR4530ARZ-R7

  • AI
    ## Overview of ADR4530ARZ-R7 The **ADR4530ARZ-R7** is a high-precision, low-noise, low-power voltage reference manufactured by **Analog Devices**. It belongs to the ADR45xx family, which is known for its excellent temperature stability and high accuracy, making it ideal for high-resolution data acquisition systems. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 3.0 V | | **Initial Accuracy** | ±0.02% (Max) | | **Temperature Coefficient** | 2 ppm/°C (Max) | | **Input Voltage Range** | 3.1 V to 15 V | | **Output Current Capability** | +10 mA (Source) / -10 mA (Sink) | | **Low Frequency Noise** | 1.6 µV p-p (0.1 Hz to 10 Hz) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-Lead SOIC (Small Outline Integrated Circuit) | --- ### 2. Core Functional Features * **Ultralow Noise:** The device minimizes flicker noise, which is critical for maintaining the Effective Number of Bits (ENOB) in 16-bit to 24-bit Analog-to-Digital Converters (ADCs). * **High Output Drive:** Unlike many references that require a buffer, the ADR4530 can source and sink up to 10 mA, allowing it to drive the reference pins of ADCs directly. * **Excellent Line/Load Regulation:** It maintains a very stable output despite fluctuations in the input voltage or changes in the load current. * **Low Hysteresis:** It exhibits minimal output voltage shift after undergoing thermal cycling. --- ### 3. Pin Configuration | Pin Number | Name | Function | | :--- | :--- | :--- | | 1, 8 | NIC | Not Internally Connected | | 2 | VIN | Input Voltage Supply | | 3 | EN | Enable (Active High) | | 4 | GND | Ground | | 5, 6 | VOUT | Output Voltage (Connect together for best performance) | | 7 | NC | No Connection | --- ### 4. Typical Applications The ADR4530ARZ-R7 is commonly found in precision electronics such as: 1. **Precision Data Acquisition:** Providing the reference for high-resolution Σ-Δ or SAR ADCs. 2. **Medical Instrumentation:** Used in ECG or imaging equipment requiring high stability. 3. **Industrial Process Control:** Standardizing signals in PLC (Programmable Logic Controller) modules. 4. **Optical Control Circuits:** Stabilizing laser diode drivers and optical sensors. --- ### 5. Part Number Breakdown: ADR4530ARZ-R7 * **ADR4530:** Base part number (3.0V Output). * **A:** Grade (Refers to accuracy/tempco specs). * **R:** Package type (SOIC). * **Z:** RoHS Compliant / Lead-Free. * **R7:** Packaging format (7-inch Tape and Reel, typically 1,000 units).
    ✨ Follow-up Questions
    • ⤷ How does the temperature coefficient of the ADR4530 compare to the ADR4525?
    • ⤷ What are the recommended decoupling capacitor values for the VIN and VOUT pins?
    • ⤷ Can the EN pin be tied directly to VIN for always-on operation?