データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADR4550ARZ-R7

  • AI
    ### ADR4550ARZ-R7: Ultra-Low Noise, High Accuracy Voltage Reference The **ADR4550ARZ-R7** is a high-precision, low-power, low-noise voltage reference manufactured by Analog Devices. It is part of the ADR45xx family, which is designed to provide a stable 5.0V output for high-resolution data converters and precision instrumentation. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{OUT}$)** | 5.000 V | | **Initial Accuracy** | ±0.02% (Max) | | **Temperature Coefficient** | 2 ppm/°C (Max) | | **Output Noise (0.1 Hz to 10 Hz)** | 2.8 µV p-p | | **Operating Temperature Range** | -40°C to +125°C | | **Supply Voltage Range ($V_{IN}$)** | 5.1 V to 15 V | | **Supply Current** | 950 µA (Max) | | **Package Type** | 8-Lead SOIC_N | | **Output Current Capability** | ±10 mA | --- ### 2. Core Features & Benefits * **High Stability:** With a maximum temperature drift of **2 ppm/°C**, the output remains extremely consistent even when the environment changes temperature. * **Low Noise:** The ultra-low peak-to-peak noise makes it ideal for 18-bit and 24-bit Analog-to-Digital Converters (ADCs). * **Excellent Load Regulation:** The device maintains its output voltage even when sourcing or sinking up to 10 mA of current. * **Hysteresis and Long-Term Drift:** It exhibits very low thermal hysteresis and excellent long-term stability, ensuring the system doesn't require frequent re-calibration. --- ### 3. Pin Configuration (8-Lead SOIC) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | TP | Test Point (Do not connect) | | 2 | VIN | Input Voltage Supply | | 3 | NC | No Internal Connection | | 4 | GND | Ground | | 5 | NC | No Internal Connection | | 6 | VOUT | Reference Voltage Output | | 7 | NC | No Internal Connection | | 8 | TP | Test Point (Do not connect) | --- ### 4. Typical Application Circuit When implementing the ADR4550, it is recommended to use bypass capacitors to ensure stability and noise rejection. ```c // Conceptual Schematic Wiring Input (5.1V - 15V) ----> [VIN (Pin 2)] | [Capacitor 0.1uF - 10uF] to GND | Output (5.000V) <---- [VOUT (Pin 6)] | [Capacitor 0.1uF - 10uF] to GND ``` --- ### 5. Common Applications * **Precision Data Acquisition:** Providing the reference for high-resolution SAR and Sigma-Delta ADCs. * **Medical Instrumentation:** High-accuracy diagnostic equipment. * **Industrial Process Control:** Precise monitoring and control loops in factories. * **Automotive Systems:** Stable voltage sourcing for sensitive sensors.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R7' suffix in the part number?
    • ⤷ How does the ADR4550 compare to the ADR445 in terms of performance?
    • ⤷ What are the PCB layout recommendations to minimize noise for this part?