データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADR5041WARTZ-R7

  • AI
    The **ADR5041WARTZ-R7** is a high-precision, shunt-mode voltage reference manufactured by Analog Devices. It is specifically designed for space-constrained, high-reliability applications, particularly in the automotive sector. --- ## 1. Technical Specifications The following table summarizes the core electronic characteristics of the ADR5041WARTZ-R7: | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 2.500 V | | **Initial Accuracy** | ±0.1% (Grade A) | | **Temperature Coefficient** | 75 ppm/°C (Grade A) | | **Operating Current Range** | 50 µA to 15 mA | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOT-23-3 (Surface Mount) | | **Qualification** | AEC-Q100 (Automotive Grade) | --- ## 2. Key Features and Internal Architecture ### Shunt-Mode Topology Unlike series references, this device operates as a **shunt regulator** (similar to a high-precision Zener diode). It maintains a constant voltage by "shunting" excess current to ground. This makes it highly versatile for: * Positive voltage rails. * Negative voltage rails. * Floating power supplies. ### Automotive Grade (AEC-Q100) The "W" in the part number signifies that it is automotive-qualified. This ensures the part can withstand harsh environments, extreme temperature cycles, and rigorous stress testing required for under-the-hood or safety-critical vehicle electronics. ### Low Power Consumption With a minimum operating current of only **50 µA**, it is ideal for battery-powered handheld instruments and low-power industrial sensor loops. --- ## 3. Circuit Application Example To use this part, a current-limiting resistor ($R_{bias}$) is required between the input voltage and the reference. ```c // Calculation for the Bias Resistor (R_bias) // R_bias = (V_in - V_out) / (I_load + I_ref) Input Voltage (V_in) ----[ R_bias ]----+---- Output Voltage (2.5V) | [ ADR5041WARTZ ] | Ground ``` --- ## 4. Common Applications * **Precision Data Acquisition:** Providing the reference voltage for ADCs and DACs. * **Industrial Process Control:** Current loop (4-20mA) transmitters. * **Automotive Systems:** Battery Management Systems (BMS) and Engine Control Units (ECUs). * **Portable Instrumentation:** Multimeters and calibration equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a shunt-mode and a series-mode voltage reference?
    • ⤷ How do I calculate the optimal bias resistor for this part?
    • ⤷ Are there lower temperature coefficient versions of the ADR5041 available?