データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADR827ARMZ-R21

  • AI
    ## Technical Overview of ADR827ARMZ-R2 The **ADR827ARMZ-R2** is a high-precision, low-power voltage reference and amplifier combination manufactured by **Analog Devices**. It is designed for applications requiring both a stable voltage reference and an integrated buffer or gain stage within a compact footprint. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage ($V_{REF}$)** | 1.25 V | | **Input Voltage Range** | 2.7 V to 18 V | | **Initial Accuracy** | ±0.2% | | **Temperature Coefficient** | 50 ppm/°C | | **Operating Current** | 380 µA (Typical) | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The device is unique because it combines two distinct functions into one IC: 1. **Precision Voltage Reference:** Uses a bandgap reference circuit to provide a stable 1.25V output. It is designed for high stability against variations in temperature and supply voltage. 2. **Internal Operational Amplifier:** The device includes a rail-to-rail output amplifier. This allows the user to: * Buffer the reference voltage to drive heavier loads. * Create a custom voltage output by using external resistors to set a specific gain. * Act as a signal conditioner for sensors. --- ### 3. Pin Configuration (MSOP-8) To understand the electronic operation, the pinout is essential: * **$V_{IN}$:** Power supply input. * **$V_{OUT}$:** The 1.25V reference output. * **AMP IN (+ / -):** The non-inverting and inverting inputs of the internal op-amp. * **AMP OUT:** The output of the internal op-amp. * **GND:** Ground connection. --- ### 4. Typical Applications The ADR827 is commonly found in circuits where space is limited but precision is required: * **Data Acquisition Systems:** Providing the reference for Analog-to-Digital Converters (ADCs). * **Precision Industrial Controls:** Used in 4–20 mA loop-powered transmitters. * **Battery Powered Instruments:** Due to its low current consumption (micropower). * **Sensor Excitation:** The internal op-amp can be used to provide a constant current source for thermistors or pressure sensors. --- ### 5. Implementation Example Below is a conceptual representation of how the internal op-amp might be configured as a non-inverting buffer for the reference voltage: ```text [1.25V Ref] ----+---- [Amp In +] | | [Amp Out] ----> V_Buffered (1.25V) +---- [Amp In -] (Connected to Amp Out for Unity Gain) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADR827 and the ADR821 in this series?
    • ⤷ Can the internal op-amp handle high-speed signal processing?
    • ⤷ What external components are required for minimum operation of this IC?