データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADRF5162BCPZN-R7

  • AI
    ## ADRF5162BCPZN-R7: Technical Overview The **ADRF5162BCPZN-R7** is a high-performance, silicon-based, reflective Single-Pole, Double-Throw (SPDT) switch manufactured by **Analog Devices**. It is designed specifically for high-power wireless infrastructure applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Frequency Range** | 3.1 GHz to 4.2 GHz | | **Insertion Loss** | 0.65 dB (typical at 3.6 GHz) | | **Isolation** | 43 dB (typical) | | **Power Handling** | 41 dBm (LTE peak) / 47 dBm (P0.1dB) | | **Switching Speed** | 330 ns (rise/fall time) | | **Supply Voltage** | 3.3 V to 5 V | | **Package** | 24-lead LFCSP (4 mm x 4 mm) | --- ### 2. Functional Components and Architecture The device integrates several internal electronic stages to handle high RF power while maintaining low control current: * **Silicon-on-Insulator (SOI) Core:** Unlike GaAs (Gallium Arsenide) switches, the SOI process allows for higher integration and eliminates the need for external DC blocking capacitors on the RF lines (provided DC offset is zero). * **Integrated Driver:** It contains internal logic circuitry that allows the switch to be controlled using standard 1.8V or 3.3V CMOS/LVTTL logic levels. * **Reflective Topology:** This specific part is "reflective," meaning that when a port is in the "OFF" state, the RF energy is reflected back rather than being absorbed by an internal 50Ω termination. --- ### 3. Pin Configuration and Signal Flow Below is a conceptual representation of the critical pin groups: | Pin Type | Name | Description | | :--- | :--- | :--- | | **RF Ports** | RFC, RF1, RF2 | RF Common, Port 1, and Port 2. These carry the high-power signal. | | **Control** | CTRL | CMOS input to toggle the signal path between RF1 and RF2. | | **Supply** | VDD | Power supply for the internal driver and biasing. | | **Ground** | GND / EPAD | The Exposed Pad (EPAD) must be soldered to PCB ground for thermal dissipation. | --- ### 4. Typical Application Circuit ```mermaid graph LR A[Transmitter] -->|High Power| B(ADRF5162) B --> C[Antenna Port 1] B --> D[Antenna Port 2] E[Microcontroller] -->|Logic Control| B ``` ### 5. Notable Advantages 1. **High Thermal Reliability:** Designed to operate at high temperatures (up to 105°C ambient) common in 5G base stations. 2. **Low Insertion Loss:** Minimizes signal degradation and heat generation during high-power transmission. 3. **Fast Settling Time:** Crucial for Time Division Duplex (TDD) systems where switching between transmit and receive modes must happen in microseconds. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between reflective and non-reflective (absorptive) switches?
    • ⤷ How does the ADRF5162 handle thermal dissipation in high-power 5G applications?
    • ⤷ Can this part be used in frequencies outside the 3.1-4.2 GHz range?