データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADRF5347BCCZN-R7

  • AI
    The **ADRF5347BCCZN-R7** is a high-performance, silicon-on-insulator (SOI) based, high-power silicon switch manufactured by Analog Devices. It is specifically designed for 5G wireless infrastructure applications operating in the 2.4 GHz to 4.4 GHz frequency range. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz to 4.4 GHz | | **Switch Type** | SPDT (Single Pole, Double Throw) | | **Technology** | Silicon-on-Insulator (SOI) | | **Peak Power Handling** | Up to 43 dBm (approx. 20W) | | **Insertion Loss** | 0.45 dB (Typical at 3.5 GHz) | | **Isolation** | 32 dB (Typical) | | **Supply Voltage** | 3.3V to 5.0V | | **Package** | 20-terminal LGA (3mm x 3mm) | --- ### 2. Functional Description The ADRF5347 is primarily used as a **TDD (Time Division Duplexing)** switch. It switches the antenna connection between the High Power Amplifier (HPA) during transmission and the Low Noise Amplifier (LNA) during reception. #### Internal Features: * **Integrated Driver:** It includes internal circuitry to manage the switching logic, eliminating the need for external negative voltage generators. * **Fast Switching:** Optimized for rapid transitions required by modern 5G NR (New Radio) frames. * **High Power Ruggedness:** Designed to withstand high VSWR (Voltage Standing Wave Ratio) conditions often found in cellular base stations. --- ### 3. Application Use Cases The device is optimized for the following environments: 1. **5G Massive MIMO:** Small-cell and macro-cell base stations. 2. **TDD Systems:** Where rapid switching between TX and RX is required on the same frequency. 3. **Wireless Infrastructure:** High-reliability communication hardware. --- ### 4. Naming Convention Breakdown The part number `ADRF5347BCCZN-R7` can be decoded as follows: * **ADRF:** Analog Devices RF Product line. * **5347:** Specific model/series number. * **B:** Version/Revision code. * **CCZ:** Package code (LGA - Land Grid Array). * **N:** Temperature range (usually Industrial, -40°C to +105°C). * **R7:** 7-inch reel packaging (standard for automated SMT assembly). --- ### 5. Schematic Integration Example When integrating this part into a PCB, it typically follows this logic: ```markdown [HPA Output] ----> [RFC Port] <---- [ANTENNA] | [LNA Input] <---- [RF1 Port] ``` *Digital control pins (CTRL) are driven by a Microcontroller or FPGA to toggle the path.*
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for this 20W switch?
    • ⤷ How does the ADRF5347 compare to Gallium Nitride (GaN) switches?
    • ⤷ What is the typical switching speed/settling time for this device?