データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADRF5545ABCPZN-R7

  • AI
    ## ADRF5545ABCPZN-R7: Integrated RF Front-End The **ADRF5545ABCPZN-R7** is a high-performance, integrated Radio Frequency (RF) front-end module manufactured by Analog Devices. It is specifically designed for Time Division Duplex (TDD) applications, such as 5G massive MIMO base stations and small cells. --- ### 1. Core Component Breakdown This device is a "Dual-Channel Front-End," meaning it contains two identical paths for processing RF signals. Each channel integrates two primary electronic components: | Component | Function | | :--- | :--- | | **High Power Switch** | A silicon-based SPDT (Single Pole Double Throw) switch that toggles between Transmit (TX) and Receive (RX) modes. | | **Low Noise Amplifier (LNA)** | A two-stage amplifier that boosts weak incoming signals while adding minimal noise, improving the overall sensitivity of the receiver. | --- ### 2. Key Technical Specifications The following table highlights the critical operating parameters for the ADRF5545: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 3.4 GHz to 3.8 GHz | | **Gain (RX Mode)** | ~32 dB (High Gain Mode) | | **Noise Figure (NF)** | ~1.45 dB (at 3.6 GHz) | | **Input Power (P1dB)** | High power handling for peak signals | | **Supply Voltage** | 5.0 V | | **Package Type** | 32-lead LFCSP (5mm x 5mm) | --- ### 3. Operational Logic The part functions by protecting the sensitive LNA during high-power transmission cycles. 1. **Transmit Mode:** The internal switch routes the high-power signal from the power amplifier (PA) to the antenna. The LNA is bypassed or powered down to prevent damage. 2. **Receive Mode:** The switch routes the signal from the antenna into the LNA. The LNA amplifies the signal for further processing by the transceiver. ### 4. Typical Applications * **5G NR (New Radio):** Specifically for n77 and n78 bands. * **Wireless Infrastructure:** Macro base stations and MIMO antenna arrays. * **TDD Systems:** Systems where TX and RX happen on the same frequency at different times. --- ### 5. Programming & Control Control of the ADRF5545 is typically handled via CMOS-compatible logic pins. Below is a conceptual example of how a microcontroller might interface with the control pins: ```c // Pseudo-code for switching ADRF5545 modes #define PIN_RX_EN 2 // Receive Enable Pin #define PIN_TX_EN 3 // Transmit Enable Pin void set_mode_receive() { digitalWrite(PIN_TX_EN, LOW); digitalWrite(PIN_RX_EN, HIGH); // Switch to LNA path } void set_mode_transmit() { digitalWrite(PIN_RX_EN, LOW); digitalWrite(PIN_TX_EN, HIGH); // Protect LNA, allow TX } ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 1.45 dB noise figure in 5G applications?
    • ⤷ How does this part handle high-power signals during the Transmit cycle?
    • ⤷ Are there pin-compatible alternatives for different frequency bands?