データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADRF5549BCPZN-R7

  • AI
    The **ADRF5549BCPZN-R7** is a high-performance, integrated Radio Frequency (RF) front-end module designed by Analog Devices. It is primarily used in TDD (Time Division Duplexing) communication systems, such as 5G massive MIMO base stations. --- ### 1. Core Functionality The device is a **Dual-Channel RF Front-End**, meaning it contains two identical paths to handle signals. Its primary role is to switch between high-power transmission and sensitive signal reception while protecting the receiver circuitry. ### 2. Internal Components Each channel consists of two main stages: * **High Power Silicon Switch:** This acts as a TDD switch. It routes the signal from the antenna to either the transmit path or the receive path. * **High Gain Low Noise Amplifier (LNA):** When in "Receive Mode," this component amplifies weak incoming signals from the antenna while adding minimal noise. ### 3. Technical Specifications The following table summarizes the key electronic parameters: | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | 2.0 GHz to 4.0 GHz | | **Gain (Receive Mode)** | 33 dB at 2.6 GHz | | **Noise Figure (NF)** | 1.45 dB (including the switch) | | **Power Supply** | 3.3 V (LNA) and 5.0 V (Switch) | | **Package** | 40-lead LFCSP (6mm x 6mm) | | **Operating Temp** | -40°C to +105°C | --- ### 4. Key Features * **High Power Handling:** The integrated switch can handle high peak power levels typical of cellular base stations. * **Integration:** By combining the switch and LNA into a single chip, it reduces the PCB footprint and simplifies the RF matching network. * **Power Down Mode:** The device features a "Power Down" pin to reduce current consumption when the receiver is not in use. ### 5. Application Circuit Diagram Concept ```mermaid graph LR Antenna((Antenna)) --- Switch[RF Switch] Switch --- TX[Transmit Path] Switch --- LNA[Low Noise Amplifier] LNA --- RX[Receive Path/ADC] ``` --- ### 6. Packaging & Ordering Info The suffix **-R7** indicates the packaging format: * **R7:** 7-inch reel (typically 750 or 1,000 pieces). * **BCPZ:** Refers to the Lead-Frame Chip Scale Package (LFCSP) and RoHS compliance.
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the ADRF5549 and the ADRF5545?
    • ⤷ How does the 'fail-safe' feature work in this RF front-end?
    • ⤷ What is the typical power consumption of this module in Receive mode?