データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADRF5730BCCZN-R7

  • AI
    ## ADRF5730BCCZN-R7: Technical Overview The **ADRF5730BCCZN-R7** is a high-performance, silicon-based Digital Step Attenuator (DSA) manufactured by Analog Devices. It is designed for high-frequency applications, providing precise control over signal amplitude. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Digital Step Attenuator (DSA) | | **Frequency Range** | 100 MHz to 40 GHz | | **Attenuation Range** | 31.5 dB | | **Step Size** | 0.5 dB | | **Insertion Loss** | ~2.5 dB @ 20 GHz | | **Switching Speed** | ~150 ns | | **Control Interface** | Serial (SPI) and Parallel | | **Package** | 24-terminal LGA (3mm x 3mm) | --- ### 2. Functional Electronic Components The device integrates several critical electronic structures within its silicon-on-insulator (SOI) architecture: #### A. Attenuator Core This consists of a network of resistors and high-frequency switches. By toggling these switches, the device routes the RF signal through different resistive paths to achieve the desired attenuation level (0.5 dB increments). #### B. Digital Controller The internal CMOS logic translates the 6-bit digital input (either via the Serial Peripheral Interface or Parallel pins) into the specific voltage levels required to drive the internal RF switches. #### C. RF Ports (RF1 and RF2) These are the input/output ports for the high-frequency signal. Because it is a passive-style attenuator, the ports are generally bidirectional, though performance is optimized for specific directions indicated in the datasheet. #### D. Power Supply & Logic Levels The device typically operates on a dual-supply or single-supply configuration depending on the version, using standard logic levels (e.g., 1.8V or 3.3V) for the control interface. --- ### 3. Application Use Cases * **5G Infrastructure:** Gain control in cellular base stations. * **Test and Measurement:** Precision signal leveling in lab equipment. * **Military/Aerospace:** Radar and electronic warfare systems. * **Satellite Communications:** Signal conditioning in Ka-band and Ku-band systems. --- ### 4. Implementation Example (Control Pins) ```c /* Example logic for setting attenuation via SPI */ // 6-bit word for 31.5dB: 111111 // 6-bit word for 0dB: 000000 void set_attenuation(float value) { uint8_t code = (uint8_t)(value / 0.5); SPI_Transfer(code); // Sends binary value to ADRF5730 } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the thermal management requirements for this specific LGA package?
    • ⤷ How does the insertion loss vary as the frequency approaches 40 GHz?
    • ⤷ Can the ADRF5730 be used in a daisy-chain configuration via SPI?