データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADRF5740BCCZN-R7

  • AI
    ## Technical Overview of ADRF5740BCCZN-R7 The **ADRF5740BCCZN-R7** is a high-performance, silicon-based digital attenuator designed by Analog Devices. It is specifically engineered for high-frequency applications, providing precise control over signal levels in microwave and millimeter-wave systems. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Type** | Silicon Digital Step Attenuator (DSA) | | **Frequency Range** | 10 MHz to 60 GHz | | **Attenuation Range** | 22 dB | | **Step Size** | 2 dB (4-bit control) | | **Insertion Loss** | ~3.3 dB at 30 GHz; ~5.2 dB at 55 GHz | | **Switching Speed** | ~150 ns (Settling time) | | **Interface** | Parallel Control (4-bit) | | **Package** | 16-terminal LGA (2.50 mm × 2.50 mm) | | **Operating Temp** | -40°C to +105°C | --- ### 2. Functional Features * **Silicon-on-Insulator (SOI) Technology:** Unlike traditional GaAs (Gallium Arsenide) parts, this silicon-based design offers better integration, lower power consumption, and high ESD robustness. * **High Linearity:** It maintains high input linearity (IP3) across its entire frequency range, ensuring minimal signal distortion. * **Glitch-Free Operation:** Designed to minimize "glitches" or transient voltage spikes during attenuation state transitions, protecting sensitive downstream components like ADCs or Amplifiers. * **Broadband Performance:** Its ability to operate up to 60 GHz makes it suitable for 5G mmWave and satellite communication bands. --- ### 3. Pinout and Integration The device is housed in a compact Land Grid Array (LGA) package. Because it operates at microwave frequencies, PCB layout is critical: 1. **RF Ports:** RF1 and RF2 are functionally symmetrical but require proper impedance matching (50 $\Omega$). 2. **Control Pins:** Uses a 4-bit parallel interface (D0-D3) to set the attenuation level. 3. **Power Supply:** Requires a positive supply voltage ($V_{DD}$) and a negative supply voltage ($V_{SS}$) for optimal performance. --- ### 4. Typical Applications * **5G Infrastructure:** Beamforming and MIMO antenna systems. * **Test & Measurement:** High-end signal generators and network analyzers. * **Military/Aerospace:** Radar systems and electronic warfare (EW). * **Satellite Communications:** Earth stations and Ka-band/V-band links. ---
    ✨ Follow-up Questions
    • ⤷ What are the PCB layout recommendations for high-frequency 60 GHz signals?
    • ⤷ How does the 'glitch-free' feature compare to standard digital attenuators?
    • ⤷ Can this part be controlled via SPI instead of a parallel interface?