データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADRF6516ACPZ-R7

  • AI
    ## ADRF6516ACPZ-R7: Technical Overview The **ADRF6516ACPZ-R7** is a high-performance, dual-channel, VGA (Variable Gain Amplifier) and programmable low-pass filter manufactured by Analog Devices. It is designed to provide filtering and gain control for wideband signals, typically used in communication receivers. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the ADRF6516: | Parameter | Specification | | :--- | :--- | | **Channels** | Dual (I/Q support) | | **Bandwidth (Programmable)** | 1 MHz to 31 MHz (1 MHz steps) | | **Gain Range** | -5 dB to +45 dB | | **Gain Control Interface** | Serial (SPI) or Parallel | | **Noise Figure** | ~6 dB (at maximum gain) | | **Supply Voltage** | 3.3 V | | **Package** | 32-lead LFCSP (5mm x 5mm) | --- ### 2. Functional Components The internal architecture of the ADRF6516 consists of several critical electronic stages: 1. **Input Pre-Amplifier:** Provides initial signal conditioning and handles differential inputs. 2. **Programmable Low-Pass Filter (LPF):** A 6th-order Butterworth filter that allows the user to select the corner frequency ($f_c$) to suppress out-of-band interference. 3. **Variable Gain Amplifier (VGA):** A high-linearity stage that allows for precise signal leveling, crucial for feeding Analog-to-Digital Converters (ADCs). 4. **DC Offset Correction:** Includes internal circuitry to minimize DC offsets that could saturate the output stages. 5. **Digital Control Logic:** An SPI-compatible interface used to program the filter cutoff and gain settings. --- ### 3. Pin Configuration Examples Below are some of the critical pins associated with this part: | Pin Name | Function | | :--- | :--- | | **INPP / INPN** | Positive/Negative Differential Inputs | | **VOUTP / VOUTN** | Positive/Negative Differential Outputs | | **SDIO / SCLK / CS** | SPI Interface for programming | | **GAIN** | Analog control pin for gain (if not using SPI) | | **VCC** | 3.3V Power Supply | --- ### 4. Applications * **Wireless Infrastructure:** Used in base stations for signal conditioning. * **Point-to-Point Radios:** High-speed data links requiring wide bandwidth. * **Broadband Receivers:** Handling various modulation schemes by adjusting filter width. * **Instrumentation:** Signal processing in laboratory-grade measurement equipment. --- ### 5. Part Number Breakdown `ADRF6516` `A` `CPZ` `-R7` * **ADRF6516:** Base model number. * **A:** Revision/Temperature grade. * **CPZ:** Package code (LFCSP) and Lead-free/RoHS compliance. * **R7:** 7-inch reel packaging (standard for automated SMT assembly).
    ✨ Follow-up Questions
    • ⤷ How does the SPI interface compare to the parallel mode for controlling this chip?
    • ⤷ What are the power consumption characteristics of the ADRF6516 at maximum bandwidth?
    • ⤷ Can you explain the layout considerations for the LFCSP package to manage thermal heat?