データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADRF6520ACPZ-R7

  • AI
    ## Technical Overview of ADRF6520ACPZ-R7 The **ADRF6520ACPZ-R7** is a high-performance, dual-channel, integrated VGA (Variable Gain Amplifier) and programmable low-pass filter (LPF) manufactured by **Analog Devices**. It is designed specifically for high-bandwidth communication systems, such as microwave point-to-point links and satellite receivers. --- ### Core Specifications The following table summarizes the primary electrical characteristics of the ADRF6520: | Parameter | Specification | | :--- | :--- | | **Type** | Dual Variable Gain Amplifier & Filter | | **Bandwidth (Filter)** | 2 MHz to 36 MHz (Programmable) | | **Gain Range** | -11 dB to +71 dB | | **Gain Step Size** | 1 dB | | **Supply Voltage** | 3.15 V to 3.45 V | | **Operating Current** | ~400 mA | | **Interface** | SPI (Serial Peripheral Interface) | | **Package** | 32-lead LFCSP (5mm x 5mm) | --- ### Key Internal Electronic Sections 1. **Input Pre-Amplifier:** Provides the initial gain stage and ensures a high input impedance to interface with previous stages in the RF chain. 2. **Programmable Low-Pass Filter (LPF):** * Uses a four-pole Butterworth topology. * The corner frequency ($f_c$) is digitally controlled via the SPI port. * Crucial for anti-aliasing and selecting the desired signal bandwidth in complex modulation schemes. 3. **Variable Gain Amplifier (VGA):** * Distributes gain across multiple stages to maintain a high Dynamic Range. * Includes a digital attenuator to control signal levels precisely. 4. **Output Buffer:** Designed to drive differential loads, typically intended to interface directly with high-speed Analog-to-Digital Converters (ADCs). --- ### Application Circuit Block Diagram Below is a simplified representation of how the component is integrated into a system: ```mermaid graph LR A[Differential Input] --> B[Pre-Amp] B --> C[Programmable LPF] C --> D[Variable Gain Stage] D --> E[ADC Driver] E --> F[Differential Output] subgraph Control G[SPI Port] -.-> C G -.-> D end ``` --- ### Key Features and Benefits * **Integration:** Replaces discrete filters and amplifiers, saving significant PCB real estate. * **Precision:** The 1 dB gain step allows for very fine Automatic Gain Control (AGC) loops. * **Flexibility:** Wide bandwidth range makes it suitable for various standards (QAM, OFDM).
    ✨ Follow-up Questions
    • ⤷ What is the significance of the Butterworth filter topology in the ADRF6520?
    • ⤷ How does the SPI interface control the gain and frequency settings?
    • ⤷ What are the thermal considerations for the 32-lead LFCSP package during high-current operation?