データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ADRF6521ACPZ-R7

  • AI
    ## ADRF6521ACPZ-R7: Technical Overview The **ADRF6521ACPZ-R7** is a high-performance, dual-channel, programmable Low-Pass Filter (LPF) and Variable Gain Amplifier (VGA) designed by Analog Devices. It is primarily used in wideband communication systems for signal conditioning. --- ### Core Specifications The following table highlights the primary electrical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Channels** | Dual (Two independent channels) | | **Bandwidth** | Programmable (typically up to 500 MHz) | | **Gain Range** | -15 dB to +45 dB (approximate) | | **Step Size** | 1 dB increments | | **Interface** | SPI (Serial Port Interface) | | **Supply Voltage** | 3.3 V | | **Package** | 32-lead LFCSP (5mm x 5mm) | --- ### Key Electronic Components & Functions #### 1. Programmable Low-Pass Filter (LPF) The device features a 6th-order Butterworth filter. Using the SPI interface, users can adjust the corner frequency ($f_c$) to suppress out-of-band interference and noise. This is critical for Anti-Aliasing in Analog-to-Digital Converter (ADC) front-ends. #### 2. Variable Gain Amplifier (VGA) The VGA allows for precise signal leveling. It ensures that the signal entering the next stage of the signal chain (like an ADC) is at the optimal power level to maximize dynamic range without clipping. #### 3. Output Drivers The output stage is designed to drive low-impedance loads, such as high-speed ADCs, directly. It provides differential outputs to maintain signal integrity and minimize electromagnetic interference (EMI). #### 4. Digital Control Logic The internal registers, controlled via a 3-wire or 4-wire SPI, manage: * Filter cutoff frequencies. * Gain settings. * Power-down modes for energy conservation. --- ### Common Applications * **Point-to-Point Radio:** Used in microwave backhaul equipment. * **Satellite Communications:** Signal conditioning for ground stations. * **Instrumentation:** High-speed data acquisition systems. * **Wideband Receivers:** Baseband processing in cellular infrastructure. --- ### Typical Pin Configuration Snippet ```c // Conceptual SPI configuration for ADRF6521 void set_adrf6521_gain(uint8_t gain_value) { // Address for Gain Control Register uint8_t reg_addr = 0x02; // Write value via SPI SPI_Transfer(reg_addr, gain_value); } ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the filter corner frequency for the ADRF6521?
    • ⤷ What are the power consumption characteristics in power-down mode?
    • ⤷ Can this part be used in a single-ended signal configuration?